Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 56Page - National Semiconductor (TI) PC87591S Datasheet HTML 57Page - National Semiconductor (TI) PC87591S Datasheet HTML 58Page - National Semiconductor (TI) PC87591S Datasheet HTML 59Page - National Semiconductor (TI) PC87591S Datasheet HTML 60Page - National Semiconductor (TI) PC87591S Datasheet HTML 61Page - National Semiconductor (TI) PC87591S Datasheet HTML 62Page - National Semiconductor (TI) PC87591S Datasheet HTML 63Page - National Semiconductor (TI) PC87591S Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
60
Revision 1.07
Input to Output Echo Enable Register 1 and 2 (IOEE1 and IOEE2)
The IOEE1 and IOEE2 registers are read/write, byte-wide registers. They enable the echoing of some of the General-Pur-
pose Input ports, equipped with wake-up, to a specified output. The IOEE bits have an impact only when the output GPIO
is configured to its GPIO function. IOEE1 and IOEE2 are cleared (0016) on reset.
The format of IOEE1 is:
IOEE1 Location: 00 FF0216
Type: R/W
Table 9. GPIO Echo Functions Routing and Echo Enable Bit Assignments
Output Port
Echo Enable Bit
Input Port
IOPA0
EEPA0 bit in IOEE1 register
IOPC4/EXWINT22
IOPA1
EEPA1 bit in IOEE1 register
IOPE6/LPCPD/EXWINT45
IOPA2
EEPA2 bit in IOEE1 register
IOPE7/CLKRUN/EXWINT46
IOPA3
EEPA3 bit in IOEE1 register
IOPF6/PSCLK4
IOPA4
EEPA4 bit in IOEE1 register
IOPF7/PSDAT4
IOPC0
EEPC0 bit in IOEE2 register
IOPE4/SWIN
IOPB0
EEPB0 bit in IOEE2 register
IOPD0/EXWINT20
IOPB1
EEPB1 bit in IOEE2 register
IOPD1/EXWINT21
IOPB2
EEPB2 bit in IOEE2 register
IOPC6/EXWINT23
IOPD3
EEPD3 bit in IOEE2 register
IOPD2/EXWINT24
Bit
76543210
Name
Reserved
EEPA4
EEPA3
EEPA2
EEPA1
EEPA0
Reset
00000000
Bit
Description
0
EEPA0.
0: Echo Disabled
1: Echo Enabled
1
EEPA1.
0: Echo Disabled
1: Echo Enabled
2
EEPA2.
0: Echo Disabled
1: Echo Enabled
3
EEPA3.
0: Echo Disabled
1: Echo Enabled
4
EEPA4.
0: Echo Disabled
1: Echo Enabled
7-5
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com