Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 42Page - National Semiconductor (TI) PC87591S Datasheet HTML 43Page - National Semiconductor (TI) PC87591S Datasheet HTML 44Page - National Semiconductor (TI) PC87591S Datasheet HTML 45Page - National Semiconductor (TI) PC87591S Datasheet HTML 46Page - National Semiconductor (TI) PC87591S Datasheet HTML 47Page - National Semiconductor (TI) PC87591S Datasheet HTML 48Page - National Semiconductor (TI) PC87591S Datasheet HTML 49Page - National Semiconductor (TI) PC87591S Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
46
Revision 1.07
IOPA7-0
33-26
43,
40-36,
33-32
I/O INTS/O3/6
VCC General-Purpose I/O Ports. The GPIO
registers are accessible by the core for read,
write and configuration. Each of these GPIO
signals can be individually configured to be
input or output. The pins may be used as GPIO
or assigned to their respective alternate
functions. See Section 2.4 on page 54 for
assignment of GPIO pins to alternate functions.
See Section 4.5 on page 113 for further details
on the GPIO pins and their functionality.
IOPD1-0
23-22
29, 26
IOPB7-3
123,
6-5,
122-121
165,
6-5,
164-163
I/O INTS/O1/2
VCC
IOPC6-1
2-1,
128-125
176-175
172-169
IOPH3-0
95-92
127-124
IOPI7-0
109-102 147-144
141-138
IOPJ7-2
N/A
76-75
70-71
63-62
IOPJ1-0
111-110 151-150
IOPK7-0
N/A
120-121
129-130
134-135
142-143
IOPL4-0
N/A
48,
103-104
112-113
IOPM7-0
N/A
28-27,
4-3,
156-155
149-148
IOPB2-0
120,
114-113
162,
154-153
I/O INTS/O2/4
VCC
IOPC7
3
1
IOPD7-4
N/A
55-54,
42-41
I/O INTS/O2/12 VCC
IOPD3-2
25-24
31-30
IOPF7-0
89-82
119-114
111-110
IOPH7-4
99-96
133-131
128
IOPC0
124
168
O
O3/6
VCC General-Purpose Output Port IOPC0. IOPC0
is are targeted for use as power supply control
for the power supply unit. It is accessible by the
core for write and configuration. On VCC Power-
Up reset, the default state TRI-STATE; it is not
affected by other types of reset. See Section 4.5
on page 113 for further details on these GPIO
pins and their functionality.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com