Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 100Page - National Semiconductor (TI) PC87591S Datasheet HTML 101Page - National Semiconductor (TI) PC87591S Datasheet HTML 102Page - National Semiconductor (TI) PC87591S Datasheet HTML 103Page - National Semiconductor (TI) PC87591S Datasheet HTML 104Page - National Semiconductor (TI) PC87591S Datasheet HTML 105Page - National Semiconductor (TI) PC87591S Datasheet HTML 106Page - National Semiconductor (TI) PC87591S Datasheet HTML 107Page - National Semiconductor (TI) PC87591S Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
104
Revision 1.07
Edge Interrupt Clear Register 0 (IECLR0)
The IECLR register is used to clear pending, edge-triggered interrupts.
Location: 00 FE1216
Type: WO
Edge Interrupt Clear Register 1 (IECLR1)
The IECLR register is used to clear pending, edge-triggered interrupts.
Location: 00 FE1416
Type: WO
4.3.5
Usage Hints
Initializing
The recommended initialization sequence is:
1. Initialize both the INTBASE register and the interrupt stack pointer of the core.
2. Prepare the interrupt routines of the interrupts used.
3. Clear edge interrupt used.
4. Set relevant bits of the peripherals.
5. Set relevant bits in IENAM register.
6. Set PFAIL register.
7. Enable core interrupt.
Clearing
Clearing an interrupt request before it is serviced may cause a spurious interrupt (i.e., when the core detects an interrupt not
reflected by IVCT). Clear interrupt requests only when interrupts are disabled. Clear IENAM bits and ISTAT bits while the
core interrupts are disabled (i.e., bits I and/or E in PSR register are cleared).
Nesting
The IENAM registers can be used in interrupt handlers to allow interrupt nesting. When the core acknowledges an interrupt, it
disables maskable interrupts by clearing bit I in PSR register and executes the interrupt service routine. This routine can enable
nested interrupts by setting bit I in PSR register and can use the IENAM registers to control which interrupts are allowed.
Bit
15
14
13
12
11
10
9876543210
Name
IEC15-1
Res.
Bit
Description
0
Reserved.
15-1 IEC15-1 (Edge Interrupt Clear). Each bit clears the corresponding bit in ISTAT0 register. Writing to the bit
positions of level-triggered interrupts has no effect. Read always returns FFFF16. IEC15 to IEC1 correspond to
INT15 to INT1, respectively. Each bit is encoded as follows:
0: No effect
1: Pending edge-triggered interrupt cleared
Bit
15
14
13
12
11
10
9876543210
Name
IEC31-16
Bit
Description
15-0 IEC31-16 (Edge Interrupt Clear). Each bit clears the corresponding bit in ISTAT1 register. Writing to the bit
positions of level-triggered interrupts has no effect. Read always returns FFFF16. IEC31 to IEC16 correspond to
INT31 to INT16, respectively. Each bit is encoded as follows:
0: No effect
1: Pending edge-triggered interrupt cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com