Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 106Page - National Semiconductor (TI) PC87591S Datasheet HTML 107Page - National Semiconductor (TI) PC87591S Datasheet HTML 108Page - National Semiconductor (TI) PC87591S Datasheet HTML 109Page - National Semiconductor (TI) PC87591S Datasheet HTML 110Page - National Semiconductor (TI) PC87591S Datasheet HTML 111Page - National Semiconductor (TI) PC87591S Datasheet HTML 112Page - National Semiconductor (TI) PC87591S Datasheet HTML 113Page - National Semiconductor (TI) PC87591S Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
110
Revision 1.07
Edge Detection Register (WKEDG2)
Byte-wide read/write register that configures the trigger condition of the input signals WUI20 to WUI27. The functionality of
the register is identical to the WKEDG1 register described above.
Location: 00 FFC216
Type: R/W
Edge Detection Register (WKEDG3)
Byte-wide read/write register that configures the trigger condition of the input signals WUI30 to WUI37. The functionality of
the register is identical to the WKEDG1 register described above.
Location: 00 FFC416
Type: R/W
Edge Detection Register (WKEDG4)
Byte-wide read/write register that configures the trigger condition of the input signals WUI40 to WUI47. The functionality of
the register is identical to the WKEDG1 register described above.
Location: 00 FFC616
Type: R/W
Pending Register (WKPND1)
Byte-wide read/write register that latches the occurrence of a selected trigger condition associated with the input signals
WUI10 to WUI17. On reset, the WKPND1 register is cleared (0). This indicates that no occurrence of the selected trigger
condition is pending.
Note: Only software can set the register bits; only the WKPCL1 register can clear them. Writing a 0 to any of the bits leaves
their values unchanged. The WKPND1 register format is shown below:
Location: 00 FFC816
Type: R/W
Pending Register (WKPND2)
Byte-wide read/write register that latches the occurrence of a selected trigger condition associated with the input signals
WUI20 to WUI27. For a detailed description of the register see the above description of the WKPND1 register.
Location: 00 FFCC16
Type: R/W
Pending Register (WKPND3)
Byte-wide read/write register that latches the occurrence of a selected trigger condition associated with the input signals
WUI30 to WUI37. For a detailed description of the register see the above description of the WKPND1 register.
Location: 00 FFD016
Type: R/W
Bit
76543210
Name
WKPD17-WKPD10
Reset
00000000
Bit
Description
7-0
Wake-Up Pending. If set, (1) indicates that a valid trigger condition occurred on the associated input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com