Electronic Components Datasheet Search
  English  ▼

X  

ESD7241 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ESD7241
Description  Ultra-Low Capacitance ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7241 Datasheet(HTML) 5 Page - ON Semiconductor

  ESD7241 Datasheet HTML 1Page - ON Semiconductor ESD7241 Datasheet HTML 2Page - ON Semiconductor ESD7241 Datasheet HTML 3Page - ON Semiconductor ESD7241 Datasheet HTML 4Page - ON Semiconductor ESD7241 Datasheet HTML 5Page - ON Semiconductor ESD7241 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ESD7241, SZESD7241
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Typical IV Characteristics
Figure 10. Typical CV Characteristics
VOLTAGE (V)
VBias (V)
20
15
5
−15
−5
−20
−25
−30
1.E−11
12
8
4
0
−4
−8
−12
−16
0
0.1
0.2
0.4
0.6
0.7
0.8
1.0
Figure 11. Typical Insertion Loss
Figure 12. Typical Capacitance over
Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
1.E+07
−10
−9
−7
−6
−4
−2
−1
1
3.E+09
2.E+09
1.E+09
0.E+00
0
0.1
0.2
0.3
0.4
0.5
0.6
−10
0
10
25
30
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
16
0.3
0.5
0.9
1.E+08
1.E+09
1.E+10
−8
−5
−3
0
−20
−24
20
24
0.7
0.8
0.9
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com