Electronic Components Datasheet Search
  English  ▼

X  

ESD7241 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD7241
Description  Ultra-Low Capacitance ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7241 Datasheet(HTML) 1 Page - ON Semiconductor

  ESD7241 Datasheet HTML 1Page - ON Semiconductor ESD7241 Datasheet HTML 2Page - ON Semiconductor ESD7241 Datasheet HTML 3Page - ON Semiconductor ESD7241 Datasheet HTML 4Page - ON Semiconductor ESD7241 Datasheet HTML 5Page - ON Semiconductor ESD7241 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
September, 2016 − Rev. 0
1
Publication Order Number:
ESD7241/D
ESD7241, SZESD7241
Ultra-Low Capacitance ESD
Protection
Micro−Packaged Diodes for ESD Protection
The ESD7241 is designed to protect voltage sensitive components
that require ultra−low capacitance from ESD and transient voltage
events. It has industry leading capacitance linearity over voltage
making it ideal for RF applications. This capacitance linearity
combined with the extremely small package and low insertion loss
makes this part well suited for use in antenna line applications for
wireless handsets and terminals.
Features
• Industry Leading Capacitance Linearity Over Voltage
• Ultra−Low Capacitance: < 1.0 pF Max
• Insertion Loss: 0.15 dB at 1 GHz; 0.60 dB at 3 GHz
• Low Leakage: < 0.5 mA
• Protection for the following IEC Standards:
♦ IEC61000−4−2 (ESD): Level 4
±28 kV Contact
♦ IEC61000−4−4 (EFT): 40 A −5/50 ns
♦ IEC61000−4−5 (Lightning): 2.5 A (8/20
ms)
• SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• RF Signal ESD Protection
• Near Field Communications
• USB 3.x Vbus Protection
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD) (Note 1)
±28
kV
Total Power Dissipation (Note 2) @ TA = 25°C
Thermal Resistance, Junction−to−Ambient
°PD°
RqJA
300
400
mW
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Non−repetitive current pulse at TA = 25°C, per IEC61000−4−2 waveform.
2. Mounted with recommended minimum pad size, DC board FR−4
Device
Package
Shipping†
ORDERING INFORMATION
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ESD7241N2T5G
X2DFN2
(Pb−Free)
8000 / Tape &
Reel
MARKING
DIAGRAM
2
= Specific Device Code
M
= Date Code
X2DFN2
CASE 714AB
2 M
G
SZESD7241N2T5G
X2DFN2
(Pb−Free)
8000 / Tape &
Reel


Similar Part No. - ESD7241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7205 ONSEMI-ESD7205 Datasheet
136Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. P2
ESD7205 ONSEMI-ESD7205 Datasheet
133Kb / 8P
ESD Protection Diodes
November, 2016 ??Rev. 2
ESD7205DT5G ONSEMI-ESD7205DT5G Datasheet
133Kb / 8P
ESD Protection Diodes
November, 2016 ??Rev. 2
ESD7205M3T5G ONSEMI-ESD7205M3T5G Datasheet
136Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. P2
ESD7205WTT1G ONSEMI-ESD7205WTT1G Datasheet
136Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. P2
More results

Similar Description - ESD7241

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com