Electronic Components Datasheet Search
  English  ▼

X  

ESD7241 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ESD7241
Description  Ultra-Low Capacitance ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7241 Datasheet(HTML) 4 Page - ON Semiconductor

  ESD7241 Datasheet HTML 1Page - ON Semiconductor ESD7241 Datasheet HTML 2Page - ON Semiconductor ESD7241 Datasheet HTML 3Page - ON Semiconductor ESD7241 Datasheet HTML 4Page - ON Semiconductor ESD7241 Datasheet HTML 5Page - ON Semiconductor ESD7241 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ESD7241, SZESD7241
www.onsemi.com
4
Figure 5. Pin 1 to Pin 2 TLP IV Curve
Figure 6. Pin 2 to Pin 1 TLP IV Curve
VOLTAGE (V)
20
060
10
20
30
50
40
VOLTAGE (V)
0
−10
−20
−30
−50
−60
−20
−16
−14
−12
−10
−8
−6
−4
−2
0
NOTE:
TLP parameter: Z0 = 50 W, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns.
16
14
12
10
8
6
4
2
0
−40
−18
18
Transmission Line Pulse (TLP) Measurement
Transmission Line Pulse (TLP) provides current versus
voltage (I−V) curves in which each data point is obtained
from a 100 ns long rectangular pulse from a charged
transmission line. A simplified schematic of a typical TLP
system is shown in Figure 7. TLP I−V curves of ESD
protection devices accurately demonstrate the product’s
ESD capability because the 10s of amps current levels and
under 100 ns time scale match those of an ESD event. This
is illustrated in Figure 8 where an 8 kV IEC 61000−4−2
current waveform is compared with TLP current pulses at
8 A and 16 A. A TLP I−V curve shows the voltage at which
the device turns on as well as how well the device clamps
voltage over a range of current levels.
Figure 7. Simplified Schematic of a Typical TLP
System
DUT
L
S
÷
Oscilloscope
Attenuator
10 M
W
VC
VM
IM
50
W Coax
Cable
50
W Coax
Cable
Figure 8. Comparison Between 8 kV IEC 61000−4−2 and 8 A and 16 A TLP Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com