Electronic Components Datasheet Search
  English  ▼

X  

TPS62021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62021
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62021 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62021 Datasheet HTML 1Page - Texas Instruments TPS62021 Datasheet HTML 2Page - Texas Instruments TPS62021 Datasheet HTML 3Page - Texas Instruments TPS62021 Datasheet HTML 4Page - Texas Instruments TPS62021 Datasheet HTML 5Page - Texas Instruments TPS62021 Datasheet HTML 6Page - Texas Instruments TPS62021 Datasheet HTML 7Page - Texas Instruments TPS62021 Datasheet HTML 8Page - Texas Instruments TPS62021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
7
8
6
TPS62020
C1
R2
R1
C2
C3
10
µF
VI
2.5 V to 6 V
L1
10
µH
C4
10
µF
VO
0.7 V to VI / 600 mA
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.01
0.10
1
1000
10
100
EFFICIENCY
vs
LOAD CURRENT
IL − Load Current − mA
VO = 1.8 V
VI = 3.6 V
Mode = High
Mode = Low
VI = 5 V
VI = 3.6 V
VI = 2.7 V
TPS62020, TPS62021
SLVS076B – JUNE 2003 – REVISED APRIL 2004
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
•
Up to 95% Conversion Efficiency
The TPS62020 is a high efficiency synchronous
step-down dc-dc converter optimized for battery pow-
•
Typical Quiescent Current: 18 µA
ered portable applications. This device is ideal for
•
Load Current: 600 mA
portable applications powered by a single Li-Ion
•
Operating Input Voltage Range: 2.5 V to 6.0 V
battery cell or by 3-cell NiMH/NiCd batteries. With an
•
Switching Frequency: 1.25 MHz
output voltage range from 6.0 V down to 0.7 V, the
device supports low voltage DSPs and processors in
•
Adjustable and Fixed Output Voltage
PDAs, pocket PCs, as well as notebooks and
•
Power Save Mode Operation at Light load
subnotebook computers. The TPS62020 operates at
Currents
a fixed switching frequency of 1.25 MHz and enters
the power save mode operation at light load currents
•
Active-Low MODE pin on TPS62021
to maintain high efficiency over the entire load current
•
100% Duty Cycle for Lowest Dropout
range. For low noise applications, the device can be
•
Internal Softstart
forced into fixed frequency PWM mode by pulling the
•
Dynamic Output Voltage Positioning
MODE
pin
high.
The
difference
between
the
TPS62020 and the TPS62021 is the logic level of the
•
Thermal Shutdown
MODE pin. The TPS62021 has an active-low MODE
•
Short-Circuit Protection
pin. The TPS62020 supports up to 600-mA load
•
10 Pin MSOP PowerPad™ Package
current.
•
10 Pin QFN 3 X 3 mm Package
•
PDA, Pocket PC and Smart Phones
•
USB Powered Modems
•
CPUs and DSPs
•
PC Cards and Notebooks
•
xDSL Applications
•
Standard 5-V to 3.3-V Conversion
Typical Application Circuit (600-mA Output Current)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62021 TI1-TPS62021 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQ TI-TPS62021DGQ Datasheet
612Kb / 24P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQ TI1-TPS62021DGQ Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQR TI-TPS62021DGQR Datasheet
612Kb / 24P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQR TI1-TPS62021DGQR Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com