Electronic Components Datasheet Search
  English  ▼

X  

TPS62021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62021
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62021 Datasheet HTML 10Page - Texas Instruments TPS62021 Datasheet HTML 11Page - Texas Instruments TPS62021 Datasheet HTML 12Page - Texas Instruments TPS62021 Datasheet HTML 13Page - Texas Instruments TPS62021 Datasheet HTML 14Page - Texas Instruments TPS62021 Datasheet HTML 15Page - Texas Instruments TPS62021 Datasheet HTML 16Page - Texas Instruments TPS62021 Datasheet HTML 17Page - Texas Instruments TPS62021 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
DVO + VO
1–
V
O
V
I
L
ƒ
1
8
C
O
ƒ )
ESR
(9)
Input Capacitor Selection
Layout Considerations
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
7
8
6
TPS62020
C3
22
µF
VI
L1
6.2
µH
C2
22
µF
VO
The Switch Node Must Be
Kept as Small as Possible
TPS62020, TPS62021
SLVS076B – JUNE 2003 – REVISED APRIL 2004
Where the highest output voltage ripple occurs at the highest input voltage, VI.
At light load currents, the device operates in power save mode and the output voltage ripple is independent of
the output capacitor value. The output voltage ripple is set by the internal comparator thresholds. The typical
output voltage ripple is 1% of the nominal output voltage.
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes. The input capacitor should have a minimum value of 10 µF for the TPS62020. The input
capacitor can be increased without any limit for better input voltage filtering.
Table 2. Input and Output Capacitor Selection
CAPACITOR
CASE SIZE
COMPONENT SUPPLIER
COMMENTS
VALUE
Taiyo Yuden JMK212BJ106MG
Ceramic
10 µF
0805
TDK C12012X5ROJ106K
Ceramic
Taiyo Yuden JMK316BJ106KL
10 µF
1206
Ceramic
TDK C3216X5ROJ106M
22 µF
1206
Taiyo Yuden JMK316BJ226ML
Ceramic
22 µF
1210
Taiyo Yuden JMK325BJ226MM
Ceramic
For all switching power supplies, the layout is an important step in the design especially at high peak currents
and switching frequencies. If the layout is not carefully done, the regulator might show stability problems as well
as EMI problems. Therefore, use wide and short traces for the main current paths as indicated in bold in
Figure 16. These traces should be routed first. The input capacitor should be placed as close as possible to the
IC pins as well as the inductor and output capacitor. The feedback resistor network should be routed away from
the inductor and switch node to minimize noise and magnetic interference. To further minimize noise from
coupling into the feedback network and feedback pin, the ground plane or ground traces should be used for
shielding. A common ground plane or a star ground as shown below should be used. This becomes very
important especially at high switching frequencies of 1.25 MHz.
Figure 16. Layout Diagram
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com