Electronic Components Datasheet Search
  English  ▼

X  

TPS62021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62021
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62021 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62021 Datasheet HTML 1Page - Texas Instruments TPS62021 Datasheet HTML 2Page - Texas Instruments TPS62021 Datasheet HTML 3Page - Texas Instruments TPS62021 Datasheet HTML 4Page - Texas Instruments TPS62021 Datasheet HTML 5Page - Texas Instruments TPS62021 Datasheet HTML 6Page - Texas Instruments TPS62021 Datasheet HTML 7Page - Texas Instruments TPS62021 Datasheet HTML 8Page - Texas Instruments TPS62021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS62020, TPS62021
SLVS076B – JUNE 2003 – REVISED APRIL 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
MODE PIN
PACKAGE
PACKAGE MARKING
LOGIC LEVEL
TA
MSOP(1)
QFN(2)
MSOP
QFN
MODE
TPS62020DGQ
TPS62020DRC
BBK
BBJ
-40
°C to 85°C
MODE
TPS62021DGQ
TPS62021DRC
ASH
ASJ
(1)
The DGQ package is available in tape and reel. Add R suffix (DGQR) to order quantities of 2500 parts per reel.
(2)
The DRC package is available in tape and reel. Add R suffix (DRCR) to order quantities of 3000 parts per reel.
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage VIN(2)
-0.3 V to 7 V
Voltages on EN, MODE, FB, SW(2)
-0.3 V to VCC +0.3 V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
-40
°C to 150°C
Storage temperature range
-65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RθJA
(1)
POWER RATING
POWER RATING
POWER RATING
MSOP
60
°C/W
1.67 W
917 mW
667 mW
QFN
48.7
°C/W
2.05 W
1.13 W
821 mW
(1)
The thermal resistance, RθJA is based on a soldered PowerPAD using thermal vias.
MIN
TYP
MAX
UNIT
VI
Supply voltage
2.5
6.0
V
VO
Output voltage range for adjustable output voltage version
0.7
VI
V
IO
Output current
600
mA
L
Inductor(1)
3.3
10
µH
CI
Input capacitor(1)
10
µF
CO
Output capacitor(1)
10
µF
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
(1)
Refer to application section for further information
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com