Electronic Components Datasheet Search
  English  ▼

X  

KIC6982F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC6982F
Description  SEMICONDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6982F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC6982F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2013. 7. 24
3/8
KIC6982F/MF
Revision No : 0
ELECTRICAL CHARACTERISTICS (V
IN=5V, Ta=25℃, Unless otherwise stated)
CHARACTERISTIC
Symbol
Test Conditions
Min
Typ
Max
Units
Input UVLO
VUVLO
2.0
2.2
2.4
V
Hysteresis
50
100
150
mV
Input Shutdown Current
ISHDN
Disabled, IOUT = 0
0.2
0.5
1
㎂
Input Quiescent Current
IQ
Enabled, IOUT = 0
20
45
70
㎂
Input Leakage Current
ILEAK
Disabled, OUT grounded
-
0.1
1
㎂
Reverse Leakage Current
IREV
Disabled, VIN = 0V,
VOUT = 5V, IREV at VIN
-
0.1
1
㎂
Switch on-resistance
RDS(ON)
VIN= 5V, IOUT = 1.5A, TA=25℃
70
90
115
m
Ω
VIN= 5V, IOUT = 1.5A, -40℃≤TA≤85℃
-
-
140
m
Ω
Short-Circuit Current Limit
ISHORT
Enabled into Short Circuit, CL=22㎌
-
1.6
-
A
Over-Load Current Limit
ILIMIT
VIN= 5V, VOUT = 4V, CL=120㎌, -40℃≺TA≺85℃
1.1
1.5
1.9
A
Current limiting trigger threshold
ITrig
Output Current Slew rate(<100A/s), CL=120㎌
-
2.0
-
A
EN Input Logic Low Voltagve
VIL
VIN= 2.7V to 5.5V
-
-
0.8
V
EN Input Logic High Voltagve
VIH
VIN= 2.7V to 5.5V
2
-
-
V
EN Input leakage
ISINK
VEN=5V
-
-
1
㎂
Output turn-on delay time
TD(on)
CL=1㎌, Rload=10Ω
-
0.05
0.1
ms
Output turn-off delay time
TD(off)
CL=1㎌, Rload=10Ω
-
0.05
0.1
ms
Output turn-on rise time
TR
CL=1㎌, Rload=10Ω
-
0.6
1.5
ms
Output turn-on fall time
TF
CL=1㎌, Rload=10Ω
-
0.2
0.4
ms
Discharge time
TDIS
CL=120㎌, Rload=10Ω
disabled to VOUT < 0.5V
1
3
6
ms
FLG blanking time
TBlank
CIN = 10㎌, CL = 22㎌
4
7
15
ms
Thermal Shutdown Threshold
TSHDN
Enabled, Rload = 1
㏀
130
150
170
℃
Thermal Shutdown Hysteresis
THYS
Disabled, OUT grounded
-
25
-
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com