Electronic Components Datasheet Search
  English  ▼

X  

KIC6982F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIC6982F
Description  SEMICONDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6982F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIC6982F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2013. 7. 24
6/8
KIC6982F/MF
Revision No : 0
Supply Current, Output Enabled vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
0
10
20
30
40
50
70
60
Vin=5.0V
Vin=5.5V
Ambient Temperature (
)
Undervoltage Lockout vs
Ambient Temperature
0100
-60
-40
-20
20
40
60
80
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
UVLO Rising
UVLO Falling
Ambient Temperature (
)
Static Drain-Source On-State Resistance vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
50
100
90
80
70
60
110
120
130
140
150
160
170
180
Vin=2.7V
Vin=3.3V
Vin=5V
Ambient Temperature (
)
Supply Current, Output Disabled vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
0.0
1.2
1.0
0.8
0.6
0.4
0.2
1.4
1.6
1.8
2.0
Vin=5.0V
Ambient Temperature (
)
Vin=5.5V
Vin=2.7V
Vin=3.3V
Vin=2.7V
Vin=3.3V
Typical Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com