Electronic Components Datasheet Search
  English  ▼

X  

KIC6982F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC6982F
Description  SEMICONDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6982F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC6982F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2013. 7. 24
1/8
SEMICONDUCTOR
TECHNICAL DATA
KIC6982F/MF
1.5A 1-Channel Current Limited Power Switch
Revision No : 0
Description
The KIC6982F/MF is integrated power switches optimized for USB and
other hot-swap applications.
The family of devices complies with USB 2.0 and is available with high
polarity of Enable input. They offer current and thermal limiting and short
circuit protection as well as controlled rise time and under-voltage lockout
functionality.
FEATURES
・Single USB Port Power Switches with discharge
・Operating input voltage range 2.7V to 5.5V
・Up to 1.0A Maximum Load Current
・Internal Short Circuit Current Limiting(1.5A)
・Reverse Current Blocking
・Fault report with blanking time(7ms)
・90mΩ Power MOSFET
FLP-8
0.20+0.1/-0.05
P
T
1.27
U
Max 0.1
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
G
H
B1 B2
1
4
5
8
A
P
D
L
T
U
MAXIMUM RATINGS (Ta=25
℃)
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN
MAX
UNIT
Input Voltage
VIN
2.7
5.5
V
Output Current
IOUT
0
1.5
A
MSOP-8
P
T
0.65
MILLIMETERS
0.29~0.38
0.05~0.15
0.15~0.20
0.4~0.7
1.10 Max
3.00 0.1
B2
G
H
L
D
A
B1
DIM
4.90 0.2
3.00 0.1
+
_
+
_
+
_
G
H
B1
B2
A
P
D
L
T
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
6.5
V
Output Voltage
VOUT
6.5
V
Thermal Resistance
Junction-to-Ambient
FLP
129
℃/W
MSOP
132
Operating Junction
Temperature
Tj
-40~125
℃
Storage Temperature
Tstg
-55
~150
KIC6982F
KIC6982 MF
Note) Device mounted on FR-4 substrate 2Layer PCB.
Device Name
<FLP-8>
<MSOP-8>
Marking
Lot No.
KIC 6982
C 6982


Similar Part No. - KIC6982F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
SEMICONDUCTOR
KIC6981F-MF KEC-KIC6981F-MF Datasheet
499Kb / 8P
SEMICONDUCTOR
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
KIC6981MF KEC-KIC6981MF Datasheet
499Kb / 8P
SEMICONDUCTOR
More results

Similar Description - KIC6982F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com