Electronic Components Datasheet Search
  English  ▼

X  

KIC6982F Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIC6982F
Description  SEMICONDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6982F Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIC6982F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6982F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2013. 7. 24
5/8
KIC6982F/MF
Revision No : 0
[Over Load]
[Short Circuit]
40ms/div
40ms/div
※ FLG Response Condition
CONDITION
FLG
Remark
Over - Load
VIN - VOUT ≻1.0V
Active L
Short Circuit
VOUT = 0
Active L
VOUT 5V/div
FLG 2V/div
IOUT 1A/div
VN = 5V
RL = 2.5Ω
CIN = 10㎌
COUT = 22㎌
VN = 5V
CIN = 10㎌
COUT = 22㎌
VOUT 5V/div
FLG 2V/div
IOUT 1A/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com