Electronic Components Datasheet Search
  English  ▼

X  

VSC8162 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC8162 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 5
9/14/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
G52209-0, Rev. 2.0
Interface Recommendations
REFCK+, REFCK– Inputs
Internal biasing will position the reference voltage of approximately -1.32V on both the true and comple-
ment inputs. This input can either be DC coupled or AC coupled; it can also be driven single-ended or differen-
tially. Figure 2 shows the configuration for single-ended, AC-coupling operation. In the case of direct coupling
and single-ended input, it is recommended that a stable VREF for ECL levels be used for the complementary
input.
Figure 2: Single-ended AC Coupling for REFCK+, REFCK– Inputs
VTT
REFCK+
REFCK–
VCC = GND
VTT = -2V
-1.32V
-1.32V
R| | = 1kΩ (Approx.)
CIN
CSE
VTT
Chip Boundary
CIN TYP = 0.1µF
CSE TYP = 0.1µF for single ended applications.
ZO
RT = ZO
selected for REFCLK = 19.44 MHz)
(Capacitor values are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com