Electronic Components Datasheet Search
  English  ▼

X  

VSC8162 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
Page 16
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/14/98
G52209-0, Rev. 2.0
VCC
37
-
Power supply (GND typ.)
VCC
38
-
Power supply (GND typ.)
FILTO+
39
I/O
Connect to FILTI+ with 0.1
µF, 0805 capacitor
FILTI+
40
I/O
Connect to FILTO+ with 0.1
µF, 0805 capacitor
FILTI-
41
I/O
Connect to FILTO- with 0.1
µF, 0805 capacitor
FILTO-
42
I/O
Connect to FILTI- with 0.1
µF, 0805 capacitor
VEEANA
43
-
Power supply for analog circuits (-5.2V typ.)
VCCANA
44
-
Power supply for analog circuits (GND typ.)
VCC
45
-
Power supply (GND typ.)
NC
46
-
Do not connect, leave open
NC
47
-
Do not connect, leave open
NC
48
-
Do not connect, leave open
NC
49
-
Do not connect, leave open
LOL
50
O
Loss of lock
NOREF
51
O
Loss of reference
VTT
52
-
Power supply (-2.0V typ.)
VTT
53
-
Power supply (-2.0V typ.)
VCC
54
-
Power supply (GND typ.)
PARITY+
55
O
Parity bit (true)
PARITY-
56
O
Parity bit (complement)
D15+
57
O
Low-speed Differential Parallel Data (true)
D15-
58
O
Low-speed Differential Parallel Data (complement)
VCC
59
-
Power supply (GND typ.)
VTT
60
-
Power supply (-2.0V typ.)
D14+
61
O
Low-speed Differential Parallel Data (true)
D14-
62
O
Low-speed Differential Parallel Data (complement)
D13+
63
O
Low-speed Differential Parallel Data (true)
D13-
64
O
Low-speed Differential Parallel Data (complement)
VSUB
65
-
Substrate Voltage (connect to lowest supply voltage, i.e., VEE)
NC
66
-
Do not connect, leave open
VCC
67
-
Power supply (GND typ.)
VCC
68
-
Power supply (GND typ.)
VTT
69
-
Power supply (-2.0V typ.)
VTT
70
-
Power supply (-2.0V typ.)
D12+
71
O
Low-speed Differential Parallel Data (true)
D12-
72
O
Low-speed Differential Parallel Data (complement)
D11+
73
O
Low-speed Differential Parallel Data (true)
D11-
74
O
Low-speed Differential Parallel Data (complement)
VCC
75
-
Power supply (GND typ.)
Signal Name
Pin #
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com