Electronic Components Datasheet Search
  English  ▼

X  

VSC8162 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8162 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/14/98
G52209-0, Rev. 2.0
Figure 1: Retiming Offset
1:16 Demultiplexer
The demultiplexer inside of the VSC8162 consists of a 1:16 demultiplexer and timing circuitry which gen-
erates a divide-by-16 clock from the high speed clock input. The demultiplexer accepts a serial data stream
input (DI+/DI-) at 2.488 Gb/s and deserializes it into 16 parallel differential outputs (D0..D15). The timing
parameters of the parallel data outputs (D0..D15) are specified with respect to the falling edge of CLK16, so
that CLK16 can be used to clock the destination of D0..D15.
The parity output of the demultiplexer is the XOR of all 16 parallel outputs. The DINVERT input is an ECL
input (see Table 6) which can be used to invert the sense of the data through the demultiplexer. If DINVERT is
left floating, it defaults to the low state, which is the state that corresponds to normal operation (no data inver-
sion).
FILTI, FILTO Pins
The FILTI and FILTO pins are used to provide additional capacitance to the loop filter of the VCO. To opti-
mize the VCO’s performance, it is recommended that 0.1
µF, size 0805 capacitors are connected between the
FILTI+ and FILTI- pins, as well as the FILTO+ and FILTO- pins.
Supplies
The VSC8161 is designed to operate with VEE = -5.2V, VTT = -2.0V and VCC = GND (0.0V). However,
the part can be operated in an all positive supply environment, or a mixed positive and negative supply environ-
ment.
To operate in an all positive supply environment, each of the supply voltages must be shifted up by 5.2V
such that VEE will now be GND, VTT = +3.2V and VCC = +5.2V. To operate in a mixed positive and negative
supply environment, each of the supply voltages must be shifted up by 2.0V such that VTT will now be GND,
VEE = -3.2V and VCC = +2.0V.
Bear in mind that termination voltages must be adjusted to reflect any shift in supply voltages.
Sampling point at the
center of the eye
Sampling point
delayed ~50ps from
the center of the eye
PH_ADJ[4:0] = 00100
DI
PH_ADJ[4:0] = 00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com