Electronic Components Datasheet Search
  English  ▼

X  

DS2770 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2770
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2770 Datasheet HTML 1Page - Dallas Semiconductor DS2770 Datasheet HTML 2Page - Dallas Semiconductor DS2770 Datasheet HTML 3Page - Dallas Semiconductor DS2770 Datasheet HTML 4Page - Dallas Semiconductor DS2770 Datasheet HTML 5Page - Dallas Semiconductor DS2770 Datasheet HTML 6Page - Dallas Semiconductor DS2770 Datasheet HTML 7Page - Dallas Semiconductor DS2770 Datasheet HTML 8Page - Dallas Semiconductor DS2770 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1 of 27
041202
FEATURES
§ Integrated charge controller supporting both
rechargeable lithium and NiMH battery
technologies
§ Available in two configurations:
– Internal 25m
W current-sense resistor
– External user-selectable sense resistor
§ Current measurement:
– 15-bit bidirectional measurement
– Internal sense resistor configuration:
62.5
mA LSB and ±2A dynamic range
– External sense resistor configuration:
1.56
mV LSB and ±51.2mV dynamic range
§ Current accumulation
– Internal sense resistor: 0.25mAh LSB
– External sense resistor: 6.25
mVh LSB
§ Voltage measurement with 4.88mV resolution
§ Temperature measurement using integrated
sensor with 0.125°C resolution
§ 40 bytes of lockable EEPROM
§ 16 bytes of general-purpose SRAM
§ 42-day timer
§ Dallas 1-Wireâ interface with 64-bit ID
§ 1.8V logic levels
§ Low power consumption:
– Active current:
80
mA typical
– Sleep current:
0.5
mA typical
PIN ASSIGNMENT
PIN DESCRIPTION
UV
– Battery Undervoltage Detect Output
CC
– Charge Control Output
VCH – Charge Supply Input
SNS
– Sense Resistor Connection
IS2
– Current-Sense Input
IS1
– Current-Sense Input
VSS
– Device Ground
DQ
– Data Input/Output
VIN
– Voltage Sense Input
VDD – Power Supply Input
NC
– No Connect
ORDERING INFORMATION
ORDERING NUMBER
MARKING DESCRIPTION
DS2770AE
D2770EA
TSSOP, Ext. Sense Res., 4.1V Charge Voltage
DS2770BE
D2770EB
TSSOP, Ext. Sense Res., 4.2V Charge Voltage
DS2770AE/T&R
D2770EA
DS2770AE on Tape & Reel
DS2770BE/T&R
D2770EB
DS2770BE on Tape & Reel
DS2770AE-025
2770EAR
TSSOP, 25m
W Sense Res., 4.1V Charge Voltage
DS2770BE-025
2770EBR
TSSOP, 25m
W Sense Res., 4.2V Charge Voltage
DS2770AE-025/T&R
2770EAR
DS2770AE-025 on Tape & Reel
DS2770BE-025/T&R
2770EBR
DS2770BE-025 on Tape & Reel
DS2770
Battery Monitor and Charge Controller
www.maxim-ic.com
DS2770
16-Pin TSSOP
UV
VDD
VIN
DQ
VSS
VSS
VSS
NC
IS1
IS2
SNS
SNS
1
2
23
2
1
4
5
6
7
8
16
15
14
13
12
11
10
9
SNS
NC
VCH
CC
1-Wire is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS2770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE MAXIM-DS2770AE Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE+ MAXIM-DS2770AE+ Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE+025 MAXIM-DS2770AE+025 Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE+025/T&R MAXIM-DS2770AE+025/T&R Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
More results

Similar Description - DS2770

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com