Electronic Components Datasheet Search
  English  ▼

X  

DS2770 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2770
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2770 Datasheet HTML 1Page - Dallas Semiconductor DS2770 Datasheet HTML 2Page - Dallas Semiconductor DS2770 Datasheet HTML 3Page - Dallas Semiconductor DS2770 Datasheet HTML 4Page - Dallas Semiconductor DS2770 Datasheet HTML 5Page - Dallas Semiconductor DS2770 Datasheet HTML 6Page - Dallas Semiconductor DS2770 Datasheet HTML 7Page - Dallas Semiconductor DS2770 Datasheet HTML 8Page - Dallas Semiconductor DS2770 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DS2770
2 of 27
DESCRIPTION
The DS2770 battery monitor and charge controller performs several functions needed for thorough
battery maintenance. When used in conjunction with the host system’s processor, a battery-pack resident
DS2770 may be utilized for applications that include charging, remaining capacity estimation, safety
monitoring, and nonvolatile (NV) parametric storage.
The DS2770 provides a unique ID, a digital temperature sensor, an analog-to-digital converter (ADC) that
measures battery voltage and current, an integrated current accumulator that keeps a running total of all
current entering and leaving the battery, an elapsed time meter, NV memory for storage of important
parameters, and an integrated charge controller supporting rechargeable lithium (including lithium-ion
and lithium-ion polymer) and nickel metal hydride (NiMH) batteries. Current measurement can be
accomplished through the use of an integrated 25m
W sense resistor or through an external sense resistor.
The resolution of the current, voltage, and temperature measurements is sufficient for process monitoring
applications such as battery-charge control and safety. The charge-control technique is user-selectable to
support either pulse charge for rechargeable lithium or dT/dt termination for NiMH. Additionally,
programmable charge timers and low-battery recovery are provided for safety and convenience.
Information is sent to/from the DS2770 over a 1-Wire interface so that only one wire (and ground) needs
to be connected from a processor to a DS2770. This means that DS2770-equipped battery packs need
only four output connectors: battery power, charge source, ground, and the 1-Wire interface. Each device
has a factory-programmed 64-bit net address that allows it to be individually addressed by the host
system.
Two types of memory are provided on the DS2770 for battery information storage: lockable EEPROM
and SRAM. EEPROM memory saves important battery data in true NV memory that is unaffected by
severe battery depletion, accidental shorts, or ESD events and becomes ROM when locked to provide
additional security for unchanging battery data. SRAM provides inexpensive storage for temporary data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com