Electronic Components Datasheet Search
  English  ▼

X  

DS2770 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2770
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2770 Datasheet HTML 1Page - Dallas Semiconductor DS2770 Datasheet HTML 2Page - Dallas Semiconductor DS2770 Datasheet HTML 3Page - Dallas Semiconductor DS2770 Datasheet HTML 4Page - Dallas Semiconductor DS2770 Datasheet HTML 5Page - Dallas Semiconductor DS2770 Datasheet HTML 6Page - Dallas Semiconductor DS2770 Datasheet HTML 7Page - Dallas Semiconductor DS2770 Datasheet HTML 8Page - Dallas Semiconductor DS2770 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DS2770
4 of 27
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1
UV
Battery Undervoltage Detect Output:
This pin allows charge of the
battery at a reduced rate when the battery cell voltage is less than the low
battery voltage threshold, VLB.
2
CC
Charge Control Output:
Charge of the battery is controlled through this
pin when battery cell voltage is greater than or equal to VLB.
3VCH
Charge Supply Input:
The charge source is connected to this pin and is
measured by the DS2770 to determine if a charge source is present.
4, 5, 6
SNS
Sense Resistor Connection:
Connect to the negative terminal of the
battery pack. In the internal sense resistor configuration, the sense resistor
is connected between VSS and SNS.
8IS2
Current-Sense Input:
This pin is internally connected to SNS through a
10k
W resistor. Connect a 0.1mF capacitor between IS2 and IS1 to
complete a lowpass filter.
9IS1
Current-Sense Input:
This pin is internally connected to VSS through a
10k
W resistor. Connect a 0.1mF capacitor between IS1 and IS2 to
complete a lowpass filter.
11, 12, 13
VSS
Device Ground:
Connect directly to the negative terminal of the battery
cell. For the external sense resistor configuration, connect the sense
resistor between VSS and SNS.
14
DQ
Data Input/Out:
1-Wire data line. Open-drain output driver. Connect this
pin to the DATA terminal of the battery pack. Pin has an internal pull-
down for sensing disconnection.
15
VIN
Voltage Sense Input:
The voltage on the battery cell is monitored via this
input pin.
16
VDD
Power Supply Input:
Input supply voltage for the DS2770 (2.7V to
5.5V)
7, 10
NC
Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com