Electronic Components Datasheet Search
  English  ▼

X  

LMX2430TM Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430TM Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LMX2430TM Datasheet HTML 27Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 28Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 29Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 30Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 31Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 32Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 33Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 34Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
LMX243x OSCin Sensitivity Test Setup
20053590
The block diagram above illustrates the setup required to
measure the LMX243x device’s OSCin buffer sensitivity
level. The same setup is used for the LMX2430TM Evalua-
tion Board. This setup is similar to the FinRF sensitivity setup
except that the signal generator is now connected to the
OSCin pin and both Fin pins are tied to Vcc. The 51
Ω shunt
resistor matches the OSCin input to the signal generator.
The R counter is typically set to 1000, i.e. RF_R word = 1000
or IF_R word = 1000. The reference divider output is routed
to the Ftest/LD pin by selecting the RF_R/ 2 Frequency word
(MUX[3:0] word = 14) or the IF_R/ 2 Frequency word
(MUX[3:0] word = 12) in CodeLoader. A Universal Counter is
connected to the Ftest/LD pin and is used to monitor the
output frequency of the reference divider. The expected
frequency should be the signal generator frequency divided
by twice the corresponding counter value, i.e. 2000. The
factor of two comes in because the LMX243x device has an
internal /2 circuit which is used to provide a 50% duty cycle.
In a similar way, sensitivity is typically measured over fre-
quency, supply voltage and temperature. In order to perform
the measurement, the temperature, frequency, and supply
voltage is set to a fixed value and the power level (voltage
level) of the signal at OSCin is varied. Sensitivity is reached
when the frequency error of the divided input signal is
greater than or equal to 1 Hz.
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com