Electronic Components Datasheet Search
  English  ▼

X  

LMX2430TM Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430TM Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button LMX2430TM Datasheet HTML 41Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 42Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 43Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 44Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 45Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 46Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 47Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 48Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 49Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
2.0 Programming Description (Continued)
2.9 R5 REGISTER
The R5 Register contains the IF_TOC control word. The IF_TOC is used to setup the IF syhnthesizer’s Fastlock circuitry. The
IF_TOC is a 12-bit binary counter programmable from 0 to 4095.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0] FIELD
ADDRESS
[2:0]
FIELD
R5
000000000
IF_TOC[11:0]
1
0
1
2.9.1 IF_TOC[0:11] - IF Synthesizer Timeout Counter (R5[14:3])
The OSCout/ FLoutIF pin can be configured as a general purpose CMOS TRI-STATE output or as a Fastlock output by
programming the IF_TOC appropriately. When the IF_TOC is programmed from 0 to 3, Automatic Fastlock is disabled, and the
OSCout/ FLoutIF pin is configured as a general purpose CMOS TRI-STATE output or Manual Fastlock is enabled. When the
IF_TOC is programmed to 0, the OSCout/ FLoutIF pin will be in TRI-STATE (high impedance) mode. The charge pump current
is then the value specified by IF_CPG (R3[19]). When the IF_TOC is programmed to 1, the OSCout/ FLoutIF pin is pulled to a
LOW state. The charge pump current is then set to a HIGH gain state (IF_CPG bit = 1). This condition is known as the Manual
Fastlock. When the IF_TOC is programmed to 2, the OSCout/ FLout_IF pin will again be pulled to a LOW state, but this time the
charge pump current is the value specified by IF_CPG (R3[19]). When the IF_TOC is programmed to 3, the OSCout/ FLoutIF pin
is pulled to a HIGH state. Again, the charge pump current is the value specified by IF_CPG (R3[19]). When the IF_TOC is
programmed from 4 to 4095, Fastlock is enabled and the OSCout/ FLoutIF pin is pulled to a LOW state. Fastlock will time-out after
the specified number of PFD events. At this time, the OSCout/ FLoutIF pin will switch to TRI-STATE (high impedance) mode. The
value programmed into IF_TOC represents the number of PFD events that the IF synthesizer will spend in the Fastlock state.
Note that any write to the IF_TOC requires a PFD event on the IF synthesizer to latch the contents. This means that writes to the
IF_TOC take effect synchronously with the next PFD event.
IF_TOC[11:0]
FastLock Mode
Fastlock Period
[PFD Events]
OSCout/ FLoutIF Pin
Functionality/ State
I
CPoutIF Magnitude
0
Disabled
N/A
General Purpose.
High Impedance State
I
CPoutIF magnitude
controlled by R3[19]
1
Enabled
Manual Fastlock
N/A
General Purpose.
Logic LOW State
I
CPoutIF =4 mA
2
Disabled
N/A
General Purpose.
Logic LOW State
I
CPoutIF magnitude
controlled by R3[19]
3
Disabled
N/A
General Purpose.
Logic HIGH State
I
CPoutIF magnitude
controlled by R3[19]
4
Enabled
Automatic Fastlock
4
FastLock.
Logic LOW State.
Switches to High
Impedance after 4 PFD
events
I
CPoutIF =4 mA
Switches to 1 mA after
4 PFD events
…
………
…
4095
Enabled
Automatic Fastlock
4095
FastLock.
Logic LOW State.
Switches to High
Impedance after 4095
PFD events
I
CPoutIF =4 mA
Switches to 1 mA after
4095 PFD events
www.national.com
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com