Electronic Components Datasheet Search
  English  ▼

X  

LMX2430TM Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430TM Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LMX2430TM Datasheet HTML 30Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 31Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 32Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 33Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 34Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 35Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 36Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 37Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
1.0 Functional Description
The basic phase-lock-loop (PLL) configuration consists of a
high-stability crystal reference oscillator, a frequency synthe-
sizer such as the National Semiconductor LMX243x, a volt-
age controlled oscillator (VCO), and a passive loop filter. The
frequency synthesizer includes a phase detector, current
mode charge pump, programmable reference R and feed-
back N frequency dividers. The VCO frequency is estab-
lished by dividing the crystal reference signal down via the
reference divider to obtain a comparison reference fre-
quency. This reference signal, f
r, is then presented to the
input of a phase/ frequency detector and compared with the
feedback signal, f
p, which was obtained by dividing the VCO
frequency down by way of the feedback divider. The phase/
frequency detector measures the phase error between the f
r
and f
p signals and outputs control signals that are directly
proportional to the phase error. The charge pump then
pumps charge into or out of the loop filter based on the
magnitude and direction of the phase error. The loop filter
converts the charge into a stable control voltage for the
VCO. The phase/frequency detector’s function is to adjust
the voltage presented to the VCO until the feedback signal’s
frequency and phase match that of the reference signal.
When this “Phase-Locked” condition exists, the VCO fre-
quency will be N times that of the comparison frequency,
where N is the feedback divider ratio.
1.1 REFERENCE OSCILLATOR INPUT
The reference oscillator frequency for both the RF and IF
PLLs is provided from an external reference via the OSCin
pin. The reference buffer circuit supports input frequencies
from 5 to 40 MHz with a minimum input sensitivity of 0.5 V
PP.
The reference buffer circuit has an approximate Vcc/2 input
threshold and can be driven from an external AC coupled
source. Typically, the OSCin pin is connected to the output of
a crystal oscillator.
1.2 REFERENCE DIVIDERS (R COUNTERS)
The reference dividers divide the reference input signal,
OSCin, by a factor of R. The output of the reference divider
circuits feeds the reference input of the phase detector. This
reference input to the phase detector is often referred to as
the comparison frequency. The divide ratio should be chosen
such that the maximum phase comparison frequency (f
COM-
PRF
or f
COMPIF) of 10 MHz is not exceeded.
The RF and IF reference dividers are each comprised of
15-bit CMOS binary counters that support a continuous in-
teger divide ratio from 3 to 32767. The RF and IF reference
divider circuits are clocked by the output of the reference
buffer circuit which is common to both. Refer to Sections
2.4.1 and 2.7.1 for details on how to program the RF_R and
IF_R counters.
1.3 PRESCALERS
The FinRF and FinIF input pins drive the input of a
differential-pair amplifier. The output of the differential-pair
amplifier drives a chain of D-type flip-flops in a dual modulus
configuration. The output of the prescaler is used to clock the
subsequent feedback dividers. The RF PLL complementary
inputs can be driven differentially, or the negative input can
be AC coupled to ground through an external capacitor for
single ended configuration. A 16/17 or a 32/33 prescale ratio
can be selected for the 5.0 GHz LMX2434 RF synthesizer.
An 8/9 or a 16/17 prescale ratio can be selected for both the
LMX2430 and LMX2433 RF synthesizers. The IF PLL is
single ended. An 8/9 or a 16/17 prescale ratio can be se-
lected for the IF synthesizer.
1.4 PROGRAMMABLE FEEDBACK DIVIDERS (N
COUNTERS)
The programmable feedback dividers operate in concert with
the prescalers to divide the input signal, Fin, by a factor of N.
The output of the programmable reference divider is pro-
vided to the feedback input of the phase detector circuit. The
divide ratio should be chosen such that the maximum phase
comparison frequency (f
COMPRF or fCOMPIF) of 10 MHz is not
exceeded.
The programmable feedback divider circuit is comprised of
an A counter (swallow counter) and a B counter (program-
mble binary counter). For both the LMX2430 and LMX2433,
the RF_A counter is a 4-bit swallow counter, programmable
from 0 to 15. The LMX2434 RF_A counter is a 5-bit swallow
counter, programmable from 0 to 31. The LMX243x IF_A
counter is a 4-bit swallow counter, programmable from 0 to
15. For both the LMX2430 and LMX2433, the RF_B counter
is a 15-bit binary counter, programmable from 3 to 32767.
The LMX2434 RF_B counter is a 14-bit binary counter,
programmable from 3 to 16383. The LMX243x IF_B is a
14-bit binary counter programmable from 3 to 16383. A
continuous integer divide ratio is achieved if N
≥ P * (P−1),
where P is the value of the prescaler selected. Divide ratios
less than the minimum continuous divide ratio are achiev-
able as long as the binary programmable counter value is
greater than the swallow counter value (B
≥ A). Refer to
Sections 2.5.1.1, 2.5.1.2, 2.5.2.1, 2.5.2.2, 2.8.1, and 2.8.2
for details on how to program the A and B counters. The
following equations are useful in determining and program-
ming a particular value of N:
N=(P x B) + A
Fin = Nxf
COMP
Definitions:
f
COMP: RF or IF phase detector comparison frequency
Fin:
RF or IF input frequency
A:
RF_A or IF_A counter value
B:
RF_B or IF_B counter value
P:
Preset modulus of the dual moduIus prescaler
LMX2430 RF synthesizer: P = 8 or 16
LMX2433 RF synthesizer: P = 8 or 16
LMX2434 RF synthesizer: P = 16 or 32
LMX243x IF synthesizer:
P = 8 or 16
1.5 PHASE/ FREQUENCY DETECTORS
The RF and IF phase/ frequency detectors (PFD) are driven
from their respective N and R counter outputs. The maxi-
mum frequency for both the RF and IF phase detector inputs
is 10 MHz. The PFD outputs control the respective charge
pumps. The polarity of the pump-up or pump-down control
signals are programmed using the RF_CPP or IF_CPP con-
trol bits, depending on whether the RF or IF VCO character-
istics are positive or negative. Refer to Sections 2.4.2 and
2.7.2 for more details. The PFDs have a detection range of
−2
π to +2π. The PFDs also receive a feedback signal from
the charge pump in order to eliminate dead zone.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com