Electronic Components Datasheet Search
  English  ▼

X  

LMX2430TM Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430TM
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430TM Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LMX2430TM Datasheet HTML 34Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 35Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 36Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 37Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 38Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 39Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 40Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 41Page - National Semiconductor (TI) LMX2430TM Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
2.0 Programming Description
2.1 MICROWIRE INTERFACE
The 24-bit shift register is loaded via the MICROWIRE interface. The shift register consists of a 21-bit DATA[20:0] FIELD and a
3-bit ADDRESS[2:0] FIELD as shown below. The ADDRESS FIELD is used to decode the internal control register address. When
LE transitions HIGH, DATA stored in the shift register is loaded into one of 6 control registers depending on the state of the
ADDRESS bits. The MSB of DATA is loaded into the shift register first. The DATA FIELD assignments are shown in Section 2.3
CONTROL REGISTER CONTENT MAP.
MSB
LSB
DATA[20:0]
ADDRESS[2:0]
23
3 2
0
2.2 CONTROL REGISTER LOCATION
The ADDRESS[2:0] bits decode the internal register address. The table below shows how the ADDRESS bits are mapped into
the target control register.
ADDRESS[2:0]
Target
FIELD
Register
00
0
R0
00
1
R1
01
0
R2
01
1
R3
10
0
R4
10
1
R5
2.3 CONTROL REGISTER CONTENT MAP
The control register content map describes how the bits within each control register are allocated to specific control functions. The
bits that are marked 0 should be programmed as such to ensure proper device operation.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0] FIELD
ADDRESS
[2:0]
FIELD
R0
MUX[3:2]
RF_
RST
RF_
CPT
RF_
CPG
RF_
CPP
RF_R[14:0]
0
0
0
R1
RF_
PD
RF_
P
LMX2430/33
RF_B[14:0]
LMX2430/33
RF_A[3:0]
001
R1
RF_
PD
RF_
P
LMX2434
RF_B[13:0]
LMX2434
RF_A[4:0]
001
R2
000000000
RF_TOC[11:0]
0
1
0
R3
MUX[1:0]
IF_
RST
IF_
CPT
IF_
CPG
IF_
CPP
IF_R[14:0]
0
1
1
R4
IF_
PD
IF_
P
0
IF_B[13:0]
IF_A[3:0]
1
0
0
R5
000000000
IF_TOC[11:0]
1
0
1
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com