Electronic Components Datasheet Search
  English  ▼

X  

LTC1700 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1700
Description  No RSENSE Synchronous Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1700 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1700 Datasheet HTML 8Page - Linear Technology LTC1700 Datasheet HTML 9Page - Linear Technology LTC1700 Datasheet HTML 10Page - Linear Technology LTC1700 Datasheet HTML 11Page - Linear Technology LTC1700 Datasheet HTML 12Page - Linear Technology LTC1700 Datasheet HTML 13Page - Linear Technology LTC1700 Datasheet HTML 14Page - Linear Technology LTC1700 Datasheet HTML 15Page - Linear Technology LTC1700 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1700
13
where:
VD = Voltage drop of P-channel parasitic diode
IOUT = Initial load current during start-up
COUT = Output capacitance
Hence you would select the start-up capacitor, CSS, to
ensure tDELAY > tPOWERUP. Remember that the above
equation is only valid for VIN < 2.3V. If VIN is greater than
2.3V, then tPOWERUP = 0ns.
Design Example
Assume the LTC1700 is used to convert a 3.3V input to 5V
output. Load current requirement is a maximum 3A and a
minimum of 100mA. Efficiency at both low and high load
currents is important. Ambient temperature = 25
°C.
Since low load current efficiency is important, Burst Mode
operation is enabled by connecting pin 5 to VOUT.
Duty Cycle = 1 – VIN/VOUT = 0.34
Since the duty cycle is less than 36%, the value of the
inductor is chosen based on the LMINBURST equation.
LMINBURST = 0.8µH.
In the application, (Figure 7) a 4.6
µH inductor is used to
further reduce ripple current. The actual ripple current is
now:
∆IV
kHz
H
A
L=
µ


=
33
034
530
4 6
046
.
.
(.
)
.
For the main N-channel MOSFET, the RDS(ON) should be:
R
mV
I
D
I
m
DS ON N CHANNEL
O MAX
L
()(
)
()
–
.(
)
.
−
=
+∆
=Ω
63
1
05
13 2
Accounting for the peak current reduction due to slope
compensation (see Figure 5), the RDS(ON) of the N-channel
should be:
RDS(ON) = (13.2)(0.9)
= 11.9m
Ω
The factor, 0.9, is obtained from Figure 5 using a duty cycle
of 34%. The peak current of the inductor is 5A. Select an
inductor that does not saturate at this current level. The
average current through the N-channel MOSFET is 1.62A
while the average current through the synchronous P-
channel MOSFET is 3A.
The FDS6670A and FDS6375 are chosen for the
N-channel and P-channel MOSFET respectively. We can
now calculate the temperature rise in the FDS6670A. RMS
current flowing through the FDS6670A is 2.78A. Hence
power dissipated is:
PDISS = (2.78)2 (8 × 10–3)
= 61.82mW
The
θJA of the FDS6670A is 50°C/W. Therefore tempera-
ture rise is:
TRISE = 61.82mW × 50
= 3.1
°C
This is an insignificant temperature rise and therefore the
omission of the
ρT in calculating the required RDS(ON)
does not generate a large error.
At 3A load, the RMS current into the output capacitor is
given by:
ICOUT(RMS) = 3(5/3.3 – 1)0.5 = 2.15A
To meet the RMS current requirement, two SANYO POSCAP
100
µF capacitors are paralleled. These capacitors have
low ESR (55m
Ω) and to futher reduce the overall ESR, a
10
µF ceramic capacitor is placed in parallel with the
POSCAP capacitor. Figure 7 shows the complete circuit.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com