Electronic Components Datasheet Search
  English  ▼

X  

LTC1700 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1700
Description  No RSENSE Synchronous Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1700 Datasheet(HTML) 3 Page - Linear Technology

  LTC1700 Datasheet HTML 1Page - Linear Technology LTC1700 Datasheet HTML 2Page - Linear Technology LTC1700 Datasheet HTML 3Page - Linear Technology LTC1700 Datasheet HTML 4Page - Linear Technology LTC1700 Datasheet HTML 5Page - Linear Technology LTC1700 Datasheet HTML 6Page - Linear Technology LTC1700 Datasheet HTML 7Page - Linear Technology LTC1700 Datasheet HTML 8Page - Linear Technology LTC1700 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1700
3
SUPPLY VOLTAGE (V)
1.5
250
200
150
100
50
0
2.5
3.5 4.0
6.0
1700 G03
2.0
3.0
4.5 5.0 5.5
SUPPLY VOLTAGE (V)
1.5
20
18
16
14
12
10
8
6
4
2
0
2.5
3.5 4.0
6.0
1700 G02
2.0
3.0
4.5 5.0 5.5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG Transition Time
TG tr
TG Gate Drive Rise Time
CLOAD = 3000pF, 10% to 90%
60
100
ns
TG tf
TG Gate Drive Fall Time
CLOAD = 3000pF, 90% to 10%
60
100
ns
BG Transition Time
BG tr
BG Gate Drive Rise Time
CLOAD = 3000pF, 10% to 90%
80
100
ns
BG tf
BG Gate Drive Fall Time
CLOAD = 3000pF, 90% to 10%
50
70
ns
Dead Time
tdll
BG and TG Gates Go Low
CLOAD = 3000pF on BG and TG
88
110
ns
tdhh
BG and TG Gates Go High
CLOAD = 3000pF on TG and BG
66
90
ns
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VOUT = 3V unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1700E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 150°C/W)
Note 4: At an input supply less than 2.3V, only the start-up circuitry of the
LTC1700 is active. This test ensures the start-up circuitry is working.
Note 5: An input supply at or above this minimum operating voltage
activates the main control loop. Start-up circuitry of the LTC1700 is
shut off.
Note 6: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 7: The LTC1700 is tested in a feedback loop that servos VFB to the
feedback point for the error amplifier (VITH = 0.6V)
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage vs
Temperature
Quiescent Current vs Supply
Voltage
Shutdown Current vs Supply
Voltage
TEMPERATURE (
°C)
–55
1.210
1.208
1.206
1.204
1.202
1.200
1.198
1.196
1.194
1.192
1.190
–15
25
45
125
1700 G01
–35
5
65
85 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com