Electronic Components Datasheet Search
  English  ▼

X  

LTC1700 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1700
Description  No RSENSE Synchronous Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1700 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1700 Datasheet HTML 8Page - Linear Technology LTC1700 Datasheet HTML 9Page - Linear Technology LTC1700 Datasheet HTML 10Page - Linear Technology LTC1700 Datasheet HTML 11Page - Linear Technology LTC1700 Datasheet HTML 12Page - Linear Technology LTC1700 Datasheet HTML 13Page - Linear Technology LTC1700 Datasheet HTML 14Page - Linear Technology LTC1700 Datasheet HTML 15Page - Linear Technology LTC1700 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1700
16
PART NUMBER
DESCRIPTION
COMMENTS
LT1302
Micropower Step-Up Regulator
5V/600mA from 2V, 2A Internal Switch, 200
µA IQ
LT1304 Series
2-Cell Micropower Step-Up Regulator
Low-Battery Detector Active in Shutdown
LT1307/LT1307B
Single Cell Micropower Step-Up Regulator
3.3V/75mA From 1V; 600kHz Fixed Frequency
LT1316
Burst Mode Operation DC/DC with Programmable Current Limit
1.5V Minimum VIN; Precise Control of Peak Switch Current
LT1317
2-Cell Micropower Step-Up Regulator
3.3V/200mA From Two Cells; 600kHz Fixed Frequency
LT1517-5
Micropower, Regulated Charge Pump
3-Cells to 5V at 20mA, SOT-23 Package, 6
µA IQ
LT1610
1.7MHz Single Cell Micropower Step-Up Regulator
30
µA IQ, MSOP Package, Internal Compensation
LT1611
Inverting 1.4MHz Switching Regulator
5V to -5V at 150mA, Low Output Noise
LT1613
1.4MHz Single Cell Micropower Regulator
5-Lead SOT-23 Package
LT1619
Micropower Step-Up Regulator Controller
Drives External NMOS; 3.3V to 5V at up to 8A
LTC1625
No RSENSE Synchronous Step-Down Controller
Up to 97% Efficiency; 3.7V
≤ VIN ≤ 36V;
1.19V
≤ VOUT ≤ VIN; IOUT up to 15A
LTC1871
Boost, Flyback and SEPIC Controller
5V
≤ VIN ≤ 30V; No RSENSE, Programmable Frequency
50kHz to 1MHz; 10-Lead MSOP
LTC1872
SOT-23, 550kHz Step-Up Controller
Minimum Board Area; Drives External NMOS
LTC3401/LTC3402
Integrated 1A and 2A Synchronous Step-Up Regulators
Up to 97% Efficiency; up to 3MHz Operation; No External
Diode; 0.85V Start-Up Voltage
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2000
1700f LT/TP 0801 2K • PRINTED IN USA
RELATED PARTS
LTC1700 2.5V VIN 3.3V/1.8A Output Regulator
SGND
ITH
RUN/SS
VFB
SYNC/MODE
SW
BG
PGND
TG
VOUT
LTC1700
1
2
4
3
5
10
8
9
6
7
+
L1
2.2
µH
C3
22
µF
C1
10
µF
C4
220
µF
6.3V
300pF
470pF
470pF
33k
53.6k
30k
M2
M1
VIN
2.5V
VOUT
3.3V/1.8A
1700 • TA02
+
C2
68
µF
6.3V
C1: TAIYO YUDEN CERAMIC JMK316BJ106ML
C2: AVX TAJB68K006R
C3: TAIYO YUDEN CERAMIC JMK325BJ226M
C4: KEMET T520D227M006AS
L1: MURATA LQN6C
M1: Si9802
M2: Si9803
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com