Electronic Components Datasheet Search
  English  ▼

X  

LTC1700 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1700
Description  No RSENSE Synchronous Step-Up DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1700 Datasheet(HTML) 2 Page - Linear Technology

  LTC1700 Datasheet HTML 1Page - Linear Technology LTC1700 Datasheet HTML 2Page - Linear Technology LTC1700 Datasheet HTML 3Page - Linear Technology LTC1700 Datasheet HTML 4Page - Linear Technology LTC1700 Datasheet HTML 5Page - Linear Technology LTC1700 Datasheet HTML 6Page - Linear Technology LTC1700 Datasheet HTML 7Page - Linear Technology LTC1700 Datasheet HTML 8Page - Linear Technology LTC1700 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1700
2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSOP
Start-Up Minimum Operating Voltage
(Note 4)
0.9
1.8
V
VOP
Minimum Operating Voltage
(Note 5) VOUT Ramping Up
2.34
2.6
V
Hysteresis
90
mV
IS
Input DC Supply Current
(Note 6)
Normal Mode
VFB = 1.6V, VMODE = 0V, VRUN/SS = 3V
536
620
µA
Sleep Mode
VFB = 1.6V, VMODE = 3V, VRUN/SS = 3V
179
210
µA
Start-Up Mode
VFB = 0V, VMODE, VRUN/SS, VOUT = 1.8V
35
45
µA
Shutdown
VFB = 0V, VMODE = 3V, VRUN/SS = 0V
10
14
µA
IVFB
Feedback Current
VFB = 1.20V
1
50
nA
VFB
Regulated Output Voltage
(Note 7)
q
1.187
1.205
1.223
V
∆VOSENS
Reference Voltage Line Regulation
VIN = 2.7V to 5V (Note 7)
0.0106
0.080
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop; VITH = 0.3V to 0.9V
0.036
0.065
%
VOVL
Output Overvoltage Lockout
Reference to Nominal VFB
2.5
4.8
9
%
VRUN/SS
Shutdown Threshold
VRUN/SS Ramping Up
q
0.7
1.09
1.2
V
IRUN/SS
Soft-Start Current Source
VRUN/SS = 0V
2
3.79
6
µA
fOSC
Oscillator Frequency
VOUT = 4.2V
q
460
530
630
kHz
Start-Up Oscillator Frequency
VOUT = 1.8V, VRUN/SS = 1.8V, VSW = 1.1V
150
225
kHz
VSYNC/MODE
SYNC/MODE Threshold
VSYNC/MODE Ramping Down from 1.2V
1.03
1.13
1.25
V
DC MAX
Maximum Duty Cycle
fOSC = 550kHz
84
88
92
%
∆VSENSE(MAX)
Maximum Current Sense Voltage
q
55
78
100
mV
63
mV
ILIMIT
Current Limit At Start-Up
VOUT = 1.8V
40
60
mA
gm
Transconductance of Error Amplifier
VFB = VREF ± 10mV
0.65
0.9
1.30
ORDER PART
NUMBER
MS10 PART
MARKING
TJMAX = 125°C, θJA = 150°C/W
LTLC
LTC1700EMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VOUT = 3V unless otherwise specified.
Output Supply Voltage (VOUT) .....................– 0.3V to 6V
RUN/SS, VFB Voltages ..............................–0.3V to 2.4V
SYNC/MODE, ITH Voltages ...........................– 0.3V to 6V
SWITCH Voltage (SW) .............................. – 0.3V to 6.5V
TG, BG Peak Output Current (<10
µs)......................... 1A
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Junction Temperature (Note 3) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
5
SGND
ITH
VFB
RUN/SS
SYNC/MODE
10
9
8
7
6
SW
PGND
BG
VOUT
TG
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
m
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com