Electronic Components Datasheet Search
  English  ▼

X  

OP227 Datasheet(PDF) 6 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP227 Datasheet HTML 2Page - Analog Devices OP227 Datasheet HTML 3Page - Analog Devices OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices OP227 Datasheet HTML 7Page - Analog Devices OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices OP227 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
OP227
–6–
FREQUENCY – Hz
1
1
10
100
1k
2
3
4
5
6
7
8
9
10
TA = 25 C
l/f CORNER
= 2.7Hz
VS = 15V
TPC 3. Voltage Noise Density vs.
Frequency
SOURCE RESISTANCE –
100
100
10
1
1k
10k
RESISTOR NOISE ONLY
TA = 25 C
VS = 15V
AT 10Hz
AT 1kHZ
R1
R2
RS = 2R1
TPC 6. Total Noise vs. Source
Resistance
FREQUENCY – Hz
100
1
10
10
10
100
1k
741
l/f CORNER
LOW NOISE
AUDIO
OP AMP
l/f CORNER
OP227
l/f CORNER
2.7 Hz
INSTRUMENTATION
RANGE,TO DC
AUDIO RANGE
TO 20 kHz
TPC 4. Comparison of Op Amp Voltage
Noise Spectra
TEMPERATURE – C
5
–50
4
3
2
1
–25
0
25
50
75
100
125
AT 10Hz
AT 1kHz
VS = 15V
TPC 7. Voltage Noise Density vs.
Temperature
BANDWIDTH – Hz
10
100
1
0.1
0.01
1k
10k
100k
TA = 25 C
VS = 15V
TPC 5. Input Wideband Noise vs. Band-
width (0.1 Hz to Frequency Indicated)
FREQUENCY – Hz
10.0
10
1.0
0.1
100
1k
10k
l/f CORNER
= 140Hz
TPC 8. Current Noise Density vs.
Frequency
10
0%
100
90
1 SEC / DIV
0.1Hz TO 10Hz PEAK-TO-PEAK NOISE

0
40
80
120
–40
–80
–120
TPC 2. Low Frequency Noise
(Observation Must Be Limited to 10
Seconds to Ensure 0.1 Hz Cutoff)
10
0.1 F
100k
D.U.T.
VOLTAGE GAIN
= 50,000
2k
5 F
OP12
24.3k
0.1 F
100k
4.3k
2.35 F
23.5 F
SCOPE
X 1
RIN = 1M
110k
BACK-TO-BACK
10 F
BACK-TO-BACK
4.7 F
BACK-TO-BACK
47 F
TPC 1. Voltage Noise Test Circuit
(0.1 Hz to 10 Hz p-p)
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com