Electronic Components Datasheet Search
  English  ▼

X  

OP227 Datasheet(PDF) 9 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices OP227 Datasheet HTML 7Page - Analog Devices OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices OP227 Datasheet HTML 10Page - Analog Devices OP227 Datasheet HTML 11Page - Analog Devices OP227 Datasheet HTML 12Page - Analog Devices OP227 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
–9–
OP227
SUPPLY VOLTAGE – V
16
0
12
8
4
0
–4
–8
–12
–16
5
10
15
20
TA = –55 C
TA = +125 C
TA = –55 C
TA = +125 C
TA = +25 C
TA = +25 C
TPC 27. Common-Mode Input Range
vs. Supply Voltage
TEMPERATURE – C
100
–75
80
60
40
20
0
–20
–40
–60
–80
–100
–120
–55–35–15 5 25 45 65 85 105125145165
TPC 30. Matching Characteristic:
Drift of Offset Voltage Match of
Representative Units
TEMPERATURE – C
125
–55
120
115
110
105
–35 –15
525
45
6585 105 125
TPC 33. Matching Characteristic:
CMRR Match vs. Temperature
LOAD RESISTANCE –
100
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1k
10k
100k
TA = 25 C
VS = 15V
TPC 28. Open-Loop Voltage Gain vs.
Load Resistance
TEMPERATURE – C
40
–55
30
20
10
0
–35 –15
5
25
45
65
85 105 125
TPC 31. Matching Characteristic:
Average Noninverting Bias Current
vs. Temperature
FREQUENCY – Hz
180
100
140
120
100
80
60
1k
10k
100k
1M
10M
TPC 34. Channel Separation vs.
Frequency
FREQUENCY – Hz
140
1
120
100
80
60
40
20
10
100
1k
10k
100k
1M
PSRR (–)
PSRR (+)
PSRR (+)
PSRR (–)
TPC 29. PSRR and
PSRR vs.
Frequency
TEMPERATURE – C
50
–55
40
30
20
10
–35 –15
5
25
45
6585 105 125
TPC 32. Matching Characteristic:
Average Offset Current vs. Temper-
ature (Inverting or Noninverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com