Electronic Components Datasheet Search
  English  ▼

X  

OP227 Datasheet(PDF) 8 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices OP227 Datasheet HTML 7Page - Analog Devices OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices OP227 Datasheet HTML 10Page - Analog Devices OP227 Datasheet HTML 11Page - Analog Devices OP227 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
OP227
–8–
FREQUENCY – Hz
25
1M
0
20
15
10
5
–5
10
10M
100M
GAIN
PHASE
MARGIN
= 70
TA = 25 C
VS = 15V
80
100
120
140
160
180
200
220
TPC 18. Gain, Phase Shift vs.
Frequency
FREQUENCY – Hz
28
1k
24
20
16
12
8
4
0
10k
100k
1M
10M
TA = 25 C
VS = 15V
TPC 21. Maximum Undistorted Output
vs. Frequency
500ns
10
0%
100
90
20mV
AVCL = +1, CL= 15pF
VS = 15V
TA = 25 C
+50mV
0V
–50mV
TPC 24. Small-Signal Transient
Response
TOTAL SUPPLY VOLTAGE – V
2.5
0
10
20
30
40
50
2.0
1.5
1.0
0.5
0.0
TA = 25 C
RL = 2k
RL = 1k
TPC 19. Open-Loop Gain vs. Supply
Voltage
CAPACITIVE LOAD – pF
100
0
80
60
40
20
0
500
1000
1500
2000
2500
VS = 615V
VIN = 100mV
AV = +1
TPC 22. Small-Signal Overshoot vs.
Capacitive Load
2 s
10
0%
100
90
2V
AVCL = +1
VS = 15V
TA = 25 C
+5V
0V
–5V
TPC 25. Large-Signal Transient
Response
LOAD RESISTANCE –
18
100
0
16
14
12
10
8
6
4
2
–2
1k
10k
POSITIVE
SWING
NEGATIVE
SWING
TS = 25 C
VS = 15V
TPC 20. Output Swing vs. Resistive
Load
TIME FROM OUTPUT SHORTED TO
GROUND – MINUTES
60
01
5
23
4
50
40
30
20
20
lSC(–)
lSC(+)
TA = 25
VS = 15V
TPC 23. Short-Circuit Current vs. Time
FREQUENCY – Hz
140
1k
120
100
80
60
10k
100k
1M
10M
TPC 26. Matching Characteristic
CMRR Match vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com