Electronic Components Datasheet Search
  English  ▼

X  

OP227 Datasheet(PDF) 7 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP227 Datasheet HTML 3Page - Analog Devices OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices OP227 Datasheet HTML 7Page - Analog Devices OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices OP227 Datasheet HTML 10Page - Analog Devices OP227 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
–7–
OP227
TOTAL SUPPLY VOLTAGE – V
10
2
5
9
6
5
4
3
8
7
10
15
20
25
30
35
40
45
TA = +25 C
TA = +125 C
TA = –55 C
TPC 9. Supply Current vs. Supply
Voltage
TIME AFTER POWER ON – MINUTES
10
0
01
5
23
4
5
TA = 25 C
VS = 15V
OP227G
TPC 12. Warm-Up Drift
TEMPERATURE – C
50
0
–75
40
30
20
10
–50 –25
0
25
50
75
100 125
VS = 15V
TPC 15. Input Offset Current vs.
Temperature
TEMPERATURE – C
120
–75–55–35–15 5 25 45 65 85 105125145165
100
80
60
40
20
0
–20
–40
–60
–80
–100
TPC 10. Offset Voltage Drift of
Representative Units
TIME – Sec
30
0
–20
25
20
15
10
5
020
40
6080
100
THERMAL
SHOCK
RESPONSE
BAND
DEVICE IMMERSED
IN 70 C OIL BATH
VS = 15V
TA = 25 C TA = 70 C
TPC 13. Offset Voltage Change Due to
Thermal Shock
FREQUENCY – Hz
130
1
110
90
70
50
30
10
–10
10
100
1k
10k 100k 1M 10M 100M
TPC 16. Open-Loop Gain vs. Frequency
TIME – MONTHS
5
0
23456789 10
4
–1
3
1
2
0
–2
–3
–4
–5
111 12
0.2 V/MO.
0.2 V/MO.
0.2 V/MO.
TPC 11. Offset Voltage Stability
with Time
TEMPERATURE – C
50
–50
40
30
20
10
0
–25
0
25
50
75
100 125 150
VS = 15V
TPC 14. Input Bias Current vs.
Temperature
TEMERATURE – C
70
–75
60
50
4
3
2
–50 –25
0
25
50
75
100 125
10
9
8
7
8
M
GBW
SLEW
VS = 15V
TPC 17. Slew Rate, Gain Bandwidth
Product, Phase Margin vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com