Electronic Components Datasheet Search
  English  ▼

X  

SA9904B Datasheet(PDF) 7 Page - Sames

Part # SA9904B
Description  Three Phase Power Energy IC with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 7 Page - Sames

Back Button SA9904B Datasheet HTML 3Page - Sames SA9904B Datasheet HTML 4Page - Sames SA9904B Datasheet HTML 5Page - Sames SA9904B Datasheet HTML 6Page - Sames SA9904B Datasheet HTML 7Page - Sames SA9904B Datasheet HTML 8Page - Sames SA9904B Datasheet HTML 9Page - Sames SA9904B Datasheet HTML 10Page - Sames SA9904B Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
sames
SA9904B
7/12
http://www.sames.co.za
Figure 10: Register increment / decrement showing the
register wrap around
Register values
Positive energy flow
Negative energy flow
Register wrap around
Register wrap around
H7FFFFF
(8388607)
H800000
(8388608)
HFFFFFF
(16777215)
0
................
................
DR-01590
Using this delta value will result in incorrect calculations.
The RMS voltage measurement is accurate to 1% for a range
of 50% to 115% of the rated mains voltage.
Voltage registers
The three voltage registers contain the RMS voltage measured
for each phase.
Frequency register
The single frequency register contains the measured mains
frequency information for a valid phase. Internal logic ensures
that the frequency information is generated from the same
phase being used for the F50 output. Only bits D0 to D9 are
used for the frequency calculation however the remaining bits
must still be clocked out as additional information can be
derived from these data bits.
REGISTER DESCRIPTION
Active and reactive registers
The active and reactive power is accumulated in 24 bit registers
for each phase. These registers are 24 bit up/down counters,
that increment or decrement at a rate of 320k samples per
second at rated conditions.
Active or Reactive Energy Register
23 22 21 20 19
10 987654321 0
The register values will increment for positive energy flow and
decrement for negative energy flow as indicated in figure 10.
The active and reactive registers are not reset after access, so
in order to determine the correct register value, the previous
value read must be subtracted from the current reading. The
data read from the registers represents the active or reactive
power integrated over time. The increase or decrease between
readings represent the measured energy consumption. At rated
conditions, the active and reactive registers will wrap around
every 52 seconds. The micro controller program needs to take
this condition into account when calculating the difference
between register values.
As an example lets assume that with a constant load connected,
the delta value (delta value = present register - previous register
value) is 22260. Because of the constant load, the delta value
should always be 22260 every time the register is read and the
previous value subtracted (assuming the same time period
between reads). However this will not be true when a wrap
around occurs, as the following example will demonstrate:
Voltage Register
23 22 21 20 19
10 987654321 0
Frequency Register
23 22 21 20 19
10
11
12
13
14
15
16
17
18
987654321 0
Mains Frequency
Not used
Missing phase
Phase sequence
error
Voltage zero
crossover
Bit location
Description
0to9
10 to 17
18,19,20
These bits represent a value that is used
in the frequency calculation
Not used
Missing phase. These bits indicate which
phase is missing during a lost phase
condition.
D18
1
D19
X
D20
X
Missing phase
Phase 1
X
1
X
Phase 2
X
X
1
Phase 3
21,22
The phase error status can be ascertained
from these two bits.
D21
0
D22
0
Missing phase
No phase error
0
1
Phase sequence error.
1
X
Missing phase
23
Voltage zero crossover. This bit changes
state with the rising edge of the mains
voltage.
Present register value
Previous register value
new_val - old_val =
Present register value
Previous register value
new_val - old_val =
new_val
old_val
delta_val
new_val
old_val
delta_val
16767215
16744955
22260
12259
16767215
-16754956
0x00FFD8EF
0x00FF81FB
0x000056F4
0x00002FE4
0x00FFD8EF
0x00FFA90B
Decimal
Hex
Description
Variable
The register now wraps around so after the next read
the values are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com