Electronic Components Datasheet Search
  English  ▼

X  

SA9904B Datasheet(PDF) 3 Page - Sames

Part # SA9904B
Description  Three Phase Power Energy IC with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 3 Page - Sames

  SA9904B Datasheet HTML 1Page - Sames SA9904B Datasheet HTML 2Page - Sames SA9904B Datasheet HTML 3Page - Sames SA9904B Datasheet HTML 4Page - Sames SA9904B Datasheet HTML 5Page - Sames SA9904B Datasheet HTML 6Page - Sames SA9904B Datasheet HTML 7Page - Sames SA9904B Datasheet HTML 8Page - Sames SA9904B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
sames
SA9904B
http://www.sames.co.za
Figure 2: Pin connections: Package: PDIP20, SOIC20
Part Number
SA9904BPA
SA9904BSA
Package
PDIP20
SOIC20
ORDERING INFORMATION
PIN DESCRIPTION
Analog Ground. The supply voltage to this pin should be mid-way between
V
and V .
DD
SS
Positive Supply voltage. The voltage to this pin is typically +2.5V if a shunt
resistor is used for current sensing or in the case of a current transformer a
+5V supply can be applied.
GND
VDD
Designation
Description
PIN
16
6
Negative Supply Voltage. The voltage to this pin is typically -2.5V if a shunt
resistor is used for current sensing or in the case of a current transformer a
0V supply can be applied.
VSS
14
Analog Input for Voltage Phase 1, Phase 2 and Phase 3. The current into the
A/D converter should be set at 14µA
at nominal mains voltage. The voltage
sense input saturates at an input current of ±25µA peak.
RMS
17, 20, 3
IVP1, IVP2,
IVP3
Inputs for current sensors. The shunt resistor voltage from each channel is
converted to a current of 16µA
at rated conditions. The current sense input
saturates at an input current of ±25µA peak.
RMS
18, 19, 1, 2, 4, 5
IIP1, IIN1, IIP2, IIN2,
IIP3, IIN3
This pin provides the connection for the reference current setting resistor.
A 47k
resistor connected to sets the optimum operating condition.
W
15
VREF
Connections for a crystal or ceramic resonator. (OSC1 = input; OSC2 = Output)
10, 11
OSC1, OSC2
Serial clock in. This pin is used to strobe data in and out of the SA9904B
8
SCK
Serial data out. Data from the SA9904B is strobed out on this pin. DO is
only driven when CS is active.
9
DO
Voltage zero crossover. The F50 output generates a pulse, on every
rising edge of the mains voltage for any one phase.
7
F50
Serial data in. Data is only accepted during an active chip select (CS).
12
DI
Chip select. The CS pin is active high.
13
CS
1
IIP2
IVP2
IIN2
IIN1
VREF
IIP1
VSS
IVP3
IIP3
IIN3
VDD
F50
SCK
IVP1
GND
CS
DI
DO
OSC1
OSC2
2
3
4
5
615
14
13
12
11
10
9
8
7
16
17
18
19
20
Dr-01642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com