Electronic Components Datasheet Search
  English  ▼

X  

SA9904B Datasheet(PDF) 1 Page - Sames

Part # SA9904B
Description  Three Phase Power Energy IC with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 1 Page - Sames

  SA9904B Datasheet HTML 1Page - Sames SA9904B Datasheet HTML 2Page - Sames SA9904B Datasheet HTML 3Page - Sames SA9904B Datasheet HTML 4Page - Sames SA9904B Datasheet HTML 5Page - Sames SA9904B Datasheet HTML 6Page - Sames SA9904B Datasheet HTML 7Page - Sames SA9904B Datasheet HTML 8Page - Sames SA9904B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
+
+
+
+
+
Bi-directional active and reactive power/energy
measurement
RMS Voltage and frequency measurement
Individual Phase information
SPI communication bus
Meets the IEC 61036 Specification requirements for Class 1
AC Watt hour meters
sames
Three Phase Power / Energy IC with SPI
Interface
SA9904B
1/12
+
+
+
+
+
+
Meets the IEC 61268 Specification requirements for
Class 2 VAR hour meters
Protected against ESD
Total power consumption rating below 60mW
Uses current transformers for current sensing
Operates over a wide temperature range
Precision on-chip voltage reference
DESCRIPTION
The SAMES SA9904B is a three phase bi-directional
energy/power metering integrated circuit that
Measured values for active and reactive energy, the mains
voltage and frequency for each phase are accessible through
the SPI interface from 24 bit registers. The SA9904B active and
reactive energy registers are capable of holding at least 52
seconds of accumulated energy at full load. A
has been
designed to measure active and reactive energy, RMS mains
voltage and frequency. The SA9904B has an integrated SPI
serial interface for communication with a micro-controller.
mains voltage
zero crossover is available on the F50 output.
The SA9904B includes all the required functions for three-
phase power and energy measurement such as oversampling
A/D converters for the voltage and current sense inputs, power
calculation and energy integration. This innovative universal
three phase power/energy metering integrated circuit is ideally
suited for energy calculations in applications such as electricity
dispensing systems, residential metering and factory energy
metering and control.
The SA9904B integrated circuit is available in 20 pin dual-in-
line plastic (PDIP20), as well as 20 pin small outline (SOIC20)
package types.
Figure 1: Block diagram
SPEC-0447 (REV. 5)
05-02-03
IVP1
SPI
VOLTAGE
REF.
DI
VSS
VDD
DO
F50
VREF
OSC2
OSC1
GND
ACTIVE
REACTIVE
RMS
VOLTAGE
MAINS
FREQ.
CURRENT
ADC
VOLTAGE
ADC
SCK
CS
OSC
IIP1
IIP2
IVP2
IVP3
IIN2
IIN2
IIN3
IIP3
DR-01641


Similar Part No. - SA9904B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
SA9904BPA ETC-SA9904BPA Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
SA9904BSA ETC-SA9904BSA Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Sames
SA9904BSAR SAMES-SA9904BSAR Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results

Similar Description - SA9904B

ManufacturerPart #DatasheetDescription
logo
Sames
SA9604A SAMES-SA9604A Datasheet
106Kb / 20P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
Single Phase Power / Energy IC with SPI Interface
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Sames
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Cirrus Logic
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com