Electronic Components Datasheet Search
  English  ▼

X  

PCM1602 Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 11Page - Texas Instruments PCM1602 Datasheet HTML 12Page - Texas Instruments PCM1602 Datasheet HTML 13Page - Texas Instruments PCM1602 Datasheet HTML 14Page - Texas Instruments PCM1602 Datasheet HTML 15Page - Texas Instruments PCM1602 Datasheet HTML 16Page - Texas Instruments PCM1602 Datasheet HTML 17Page - Texas Instruments PCM1602 Datasheet HTML 18Page - Texas Instruments PCM1602 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
PCM1602
15
SBAS163
The Read cycle starts by setting the R/W bit of the control
word to “1”, and setting all of the IDX[6:0] bits to “0”.
All subsequent bits input on the MDI are ignored while ML
is set to “0”. For the first eight clocks of the Read cycle,
MDO is set to a high-impedance state. This is followed by
a sequence of 8-bit words, each corresponding the data
contained in Control Registers 1 through N, where N is
defined by the REG[6:0] bits in Control Register 11. The
Read cycle is completed when ML is set to “1”, immediately
after the MC clock cycle for the least significant bit of
Control Register N has completed.
CONTROL INTERFACE TIMING REQUIREMENTS
Figure 9 shows a detailed timing diagram for the Serial
Control interface. Pay special attention to the setup and hold
times, as well as tMLS and tMLH, which define minimum delays
between edges of the ML and MC clocks. These timing
parameters are critical for proper control port operation.
SYMBOL
PARAMETER
MIN
MAX
UNITS
tMCY
MC Pulse Cycle Time
100
ns
tMCL
MC Low Level Time
50
ns
tMCH
MC High Level Time
50
ns
tMHH
ML High Level Time
300
ns
tMLS
ML Falling Edge to MC Rising Edge
20
ns
tMLH
ML Hold Time(1)
20
ns
tMDH
MDI Hold Time
15
ns
tMDS
MDL Set Up Time
20
ns
tMOS
MC Falling Edge to MDSO Stable
30
ns
NOTE: (1) MC rising edge for LSB to ML rising edge.
FIGURE 9. Control Interface Timing.
50% of V
DD
50% of V
DD
50% of V
DD
50% of V
DD
ML
MC
MDI
MDO
t
MLS
t
MCH
t
MCY
t
MOS
t
MDS
t
MCH
t
MCL
t
MHH
t
MLH
LSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com