Electronic Components Datasheet Search
  English  ▼

X  

PCM1602 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 21Page - Texas Instruments PCM1602 Datasheet HTML 22Page - Texas Instruments PCM1602 Datasheet HTML 23Page - Texas Instruments PCM1602 Datasheet HTML 24Page - Texas Instruments PCM1602 Datasheet HTML 25Page - Texas Instruments PCM1602 Datasheet HTML 26Page - Texas Instruments PCM1602 Datasheet HTML 27Page - Texas Instruments PCM1602 Datasheet HTML 28Page - Texas Instruments PCM1602 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
PCM1602
25
SBAS163
POWER SUPPLIES AND GROUNDING
The PCM1602 requires a +5V analog supply and a +3.3V
digital supply. The +5V supply is used to power the DAC
analog and output filter circuitry, while the +3.3V supply is
used to power the digital filter and serial interface circuitry.
For best performance, the +3.3V supply should be derived
from the +5V supply using a linear regulator (see Figure 13).
Two capacitors are required for supply bypassing (see Fig-
ure 12). These capacitors should be located as close as
possible to the PCM1602 package. The 10
µF capacitors
should be tantalum or aluminum electrolytic, while the
0.1
µF capacitors are ceramic (X7R type is recommended
for surface-mount applications).
DAC OUTPUT FILTER CIRCUITS
Delta-sigma DACs utilize noise-shaping techniques to im-
prove in-band Signal-to-Noise Ratio (SNR) performance at
the expense of generating increased out-of-band noise above
the Nyquist Frequency, or fS/2. The out-of-band noise must
be low-pass filtered in order to provide the optimal converter
performance. This is accomplished by a combination of
on-chip and external low-pass filtering.
Figures 14 and 15 show the recommended external low-pass
active filter circuits for dual- and single-supply applications.
These circuits are second-order Butterworth filters using the
Multiple FeedBack (MFB) circuit arrangement, that reduces
sensitivity to passive component variations over frequency and
temperature. For more information regarding MFB active filter
design, please refer to the Texas Instruments Applications
Bulletin AB-034, available from our web site (www.ti.com), or
your local Texas Instruments sales office.
Since the overall system performance is defined by the quality
of the DACs and their associated analog output circuitry,
high-quality audio op amps are recommended for the active
filters. The OPA2134 and OPA2353 dual op amps from
Texas Instruments are shown in Figures 14 and 15, and are
recommended for use with the PCM1602.
FIGURE 14. Dual Supply Filter Circuit.
FIGURE 15. Single-Supply Filter Circuit.
R
1
R
3
R
4
R
2
C
1
C
2
V
IN
V
OUT
OPA2134
2
3
1
R
2
R
1
A
V ≈ –
R
1
R
3
R
4
R
2
C
1
C
2
V
IN
V
OUT
To Additional
Low-Pass Filter
Circuits
OPA2134
2
3
1
+
OPA337
C
2
10
µF
V
COM
PCM1602
R
2
R
1
A
V ≈ –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com