Electronic Components Datasheet Search
  English  ▼

X  

PCM1602 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 12Page - Texas Instruments PCM1602 Datasheet HTML 13Page - Texas Instruments PCM1602 Datasheet HTML 14Page - Texas Instruments PCM1602 Datasheet HTML 15Page - Texas Instruments PCM1602 Datasheet HTML 16Page - Texas Instruments PCM1602 Datasheet HTML 17Page - Texas Instruments PCM1602 Datasheet HTML 18Page - Texas Instruments PCM1602 Datasheet HTML 19Page - Texas Instruments PCM1602 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
PCM1602
16
SBAS163
FUNCTION
RESET DEFAULT
CONTROL REGISTER
INDEX, IDX[6:0]
Digital Attenuation Control, 0dB to –63dB in 0.5dB Steps
0dB, No Attenuation
1 through 6
AT1[7:0], AT2[7:0]
AT3[7:0], AT4[7:0]
AT5[7:0], AT6[7:0]
Soft Mute Control
Mute Disabled
7
MUT[6:1]
DAC 1-6 Operation Control
DAC 1-6 Enabled
8
DAC[6:1]
Audio Data Format Control
24-Bit Standard Format
9
FMT[2:0]
Digital Filter Roll-Off Control
Sharp Roll-Off
9
FLT
SCKO Frequency Selection
Full Rate (= fSCKI)
9
CLKD
SCKO Output Enable
SCKO Enabled
9
CLKE
De-Emphasis All Channel Function Control
De-Emphasis All Channel Disabled
10
DMC
De-Emphasis All Channel Sample Rate Selection
44.1kHz
10
DMF[1:0]
Output Phase Select
Normal Phase
10
DREV
Zero Flag Polarity Select
High
10
ZREV
Read Register Index Control
REG[6:0] = 01H
11
REG[6:0]
Read Auto-Increment Control
Auto-Increment Disabled
11
INC
General-Purpose Output Enable
Zero Flag Enabled
12
GPOE
General-Purpose Output Bits (GPO1-GPO6)
Disabled
12
GPO[6:1]
Oversampling Rate Control
64x
12
OVER
TABLE III. User-Programmable Mode Controls.
TABLE IV. Mode Control Register Map.
IDX
(B8-B14)
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
00H
Register0
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
N/A(1)
N/A(1)
N/A(1)
N/A(1)
N/A(1)
N/A(1)
N/A(1)
N/A(1)
01H
Register1
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
02H
Register2
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
03H
Register3
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
04H
Register4
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
05H
Register5
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
06H
Register6
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
07H
Register7
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(2)
RSV(2) MUT6
MUT5
MUT4
MUT3
MUT2
MUT1
08H
Register8
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(2)
RSV(2) DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
09H
Register9
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(2)
RSV(2)
FLT
CLKD
CLKE
FMT2
FMT1
FMT0
0AH
Register10
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(2)
ZREV
DREV
DMF1
DMF0
DMC
DMC
DMC
0BH
Register11
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
INC
REG6
REG5
REG4
REG3
REG2
REG1
REG0
0CH
Register12
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
OVER
GPOE GPO6
GPO5 GPO4
GPO3
GPO2
GPO1
NOTES: (1) N/A = not assigned. No operation even if setting any data. (2) RSV = reserved for test operation. It should be set “0” during regular operation.
MODE CONTROL REGISTERS
User-Programmable Mode Controls
The PCM1602 includes a number of user-programmable
functions that are accessed via control registers. The regis-
ters are programmed using the Serial Control Interface that
was previously discussed in this data sheet. Table III lists the
available mode control functions, along with their reset
default conditions and associated register index.
Register Map
The mode control register map is shown in Table IV. Each
register includes a R/W bit that determines whether a regis-
ter read (R/W = 1) or write (R/W = 0) operation is per-
formed. Each register also includes an index (or address)
indicated by the IDX[6:0] bits.
Reserved Registers
Registers 0 and 12 are reserved for factory use. To ensure proper
operation, the user should not write or read these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com