Electronic Components Datasheet Search
  English  ▼

X  

PCM1602 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 20Page - Texas Instruments PCM1602 Datasheet HTML 21Page - Texas Instruments PCM1602 Datasheet HTML 22Page - Texas Instruments PCM1602 Datasheet HTML 23Page - Texas Instruments PCM1602 Datasheet HTML 24Page - Texas Instruments PCM1602 Datasheet HTML 25Page - Texas Instruments PCM1602 Datasheet HTML 26Page - Texas Instruments PCM1602 Datasheet HTML 27Page - Texas Instruments PCM1602 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
PCM1602
24
SBAS163
FIGURE 13. Typical Application Diagram.
A typical application diagram is shown in Figure 13. The
REG1117-3.3 from Texas Instruments is used to generate
+3.3V for VDD from the +5V analog power supply. The
PLL1700E from Texas Instruments is used to generate the
system clock input at SCKI, as well as generating the clock
for the audio signal processor.
Series resistors (22
Ω to 100Ω) are recommended for SCKI,
LRCK, BCK, DATA1, DATA2, and DATA3. The series
resistor combines with the stray PCB and device input capaci-
tance to form a low-pass filter which removes high-frequency
noise from the digital signal, thus reducing high-frequency
emission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com