Electronic Components Datasheet Search
  English  ▼

X  

RF2705 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF2705
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF2705 Datasheet HTML 15Page - RF Micro Devices RF2705 Datasheet HTML 16Page - RF Micro Devices RF2705 Datasheet HTML 17Page - RF Micro Devices RF2705 Datasheet HTML 18Page - RF Micro Devices RF2705 Datasheet HTML 19Page - RF Micro Devices RF2705 Datasheet HTML 20Page - RF Micro Devices RF2705 Datasheet HTML 21Page - RF Micro Devices RF2705 Datasheet HTML 22Page - RF Micro Devices RF2705 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
5-131
RF2705
Rev A4 041026
Application Information
The baseband inputs of the RF2705 must be driven with balanced signals. Amplitude and phase matching <0.5dB and
<0.5 degrees are recommended. Phase or gain imbalances between the complementary input signals will cause addi-
tional distortion including some second order baseband distortion.
The RF2705 is designed to be driven with either single-ended or differential LO signals. Driving the chip differentially is
beneficial in improving the LO leakage performance. Decreasing the LO drive level will also improve LO leakage, but the
output noise performance will be degraded. Driving the LO level too high will degrade linearity.
The ground lines for the LO sections are brought out of the chip independently from the ground to the RF and modulator
sections. This is intended to give the board design the independence of isolating the LO signals from the RF output sec-
tions.
The RF2705 includes frequency doubler and divider modes that allow the LO to operate at half or twice the frequency
depending on the application. This provides some flexibility in improving VCO isolation and LO leakage through fre-
quency translation.
The RF outputs use open collector architecture and may be biased at voltages higher than VCC. In practice, biasing at a
higher voltage may improve the intermodulation performance. The load resistors are selected to provide sufficient output
power while maintaining good linearity.
The GC DEC and VREF output pins should be decoupled to ground. A 10nF capacitor on VREF and a 1nF capacitor on
GC CEC are recommended. The purpose of these capacitors is to filter out low frequency noise (20MHz) in the gain
control lines that may cause noise on the RF signal. The capacitor on the GC DEC line will effect the settling time of the
step response in power control voltage. A 1nF capacitor equates to around a 200ns settling time; a 0.5nF capacitor
equates to a 100ns settling time. There is a trade-off between setting time and phase noise as gain control is applied.
As with any RF circuit, the RF2705 is sensitive to PC board layout. The suggested schematic and board layout is
included as a guideline. Proper grounding of the die flag under the chip is essential in achieving acceptable RF perfor-
mance. A symmetric output structure will maintain signal balance while keeping the RF lines short will reduce losses.
Proper routing and bypassing of the supply lines will improve stability and performance, especially under low gain control
settings where carrier suppression becomes crucial. The location and value of the bypass capacitor on pin 1 is critical in
promoting good carrier suppression and is designated to resonate out the series wire bond and PC board inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com