Electronic Components Datasheet Search
  English  ▼

X  

RF2705 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF2705
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF2705 Datasheet HTML 16Page - RF Micro Devices RF2705 Datasheet HTML 17Page - RF Micro Devices RF2705 Datasheet HTML 18Page - RF Micro Devices RF2705 Datasheet HTML 19Page - RF Micro Devices RF2705 Datasheet HTML 20Page - RF Micro Devices RF2705 Datasheet HTML 21Page - RF Micro Devices RF2705 Datasheet HTML 22Page - RF Micro Devices RF2705 Datasheet HTML 23Page - RF Micro Devices RF2705 Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
5-132
RF2705
Rev A4 041026
Application Schematic
7
6
5
4
3
2
1
12
11
10
9
8
18
17
16
15
14
13
23
22
21
20
19
24
Note: The die flag is the
chip's main ground.
+45°
-45°
Σ
DIV
2
+45°
-45°
Flo
x2
Mode Control
and Biasing
Power
Control
5.6 pF
V
CC
3.9 nH
LO HB
3 pF
22.0 nH
LO LB
MODE C
MODE D
Q SIG N
Q SIG P
GC
10 nF
1 nF
MODE B
I SIG N
I SIG P
1 nF
V
CC
12 nH
3.3 pF
V
CC
0.5 pF
1 k
Ω
3.3 pF
12 nH
RF OUT LB
4.3 nH
1.6 pF
V
CC
430
Ω
1.6 pF
V
CC
RF OUT HB
4.3 pF
V
CC
1 pF
1 k
Ω
4.3 pF
2.2 nH
RF OUT WB
MODE A
V
CC
V
CC
1.8 pF
2:1
T3
2:1
T1
2:1
T2
430
Ω
4.3 nH
2.2 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com