Electronic Components Datasheet Search
  English  ▼

X  

SAF7118 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 40Page - NXP Semiconductors SAF7118 Datasheet HTML 41Page - NXP Semiconductors SAF7118 Datasheet HTML 42Page - NXP Semiconductors SAF7118 Datasheet HTML 43Page - NXP Semiconductors SAF7118 Datasheet HTML 44Page - NXP Semiconductors SAF7118 Datasheet HTML 45Page - NXP Semiconductors SAF7118 Datasheet HTML 46Page - NXP Semiconductors SAF7118 Datasheet HTML 47Page - NXP Semiconductors SAF7118 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 173 page
background image
2004 Jul 22
44
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
Fig.28 Vertical timing diagram for 50 Hz/625 line systems.
(1) The inactive going edge of the V123 signal indicates whether the field is odd or even. If HREF is active during
the falling edge of V123, the field is ODD (field 1). If HREF is inactive during the falling edge of V123, the field
is EVEN. The specific position of the slope is dependent on the internal processing delay and may change a
few clock cycles from version to version.
The control signals listed above are available on pins RTS0, RTS1, XRH and XRV according to the following table:
For further information see Section 15.2: Tables 57, 58 and 59.
NAME
RTS0
RTS1
XRH
XRV
HREF
X
X
X
−
F_ITU656
−−−
X
V123
X
X
−
X
VGATE
X
X
−−
FID
X
X
−−
MHB540
VGATE
VSTO[8:0] = 134H
VSTA[8:0] = 15H
(a) 1st field
CVBS
ITU counting
single field counting
1
1
2
2
3
3
4
4
5
5
6
6
7
7
...
...
22
22
625
312
624
311
623
310
622
309
23
23
FID
HREF
F_ITU656
V123(1)
VGATE
CVBS
ITU counting
single field counting
FID
HREF
F_ITU656
V123(1)
VSTO[8:0] = 134H
VSTA[8:0] = 15H
(b) 2nd field
313
313
314
1
315
2
316
3
317
4
318
5
319
6
...
...
335
22
312
312
311
311
310
310
309
309
336
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com