Electronic Components Datasheet Search
  English  ▼

X  

SAF7118 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 66Page - NXP Semiconductors SAF7118 Datasheet HTML 67Page - NXP Semiconductors SAF7118 Datasheet HTML 68Page - NXP Semiconductors SAF7118 Datasheet HTML 69Page - NXP Semiconductors SAF7118 Datasheet HTML 70Page - NXP Semiconductors SAF7118 Datasheet HTML 71Page - NXP Semiconductors SAF7118 Datasheet HTML 72Page - NXP Semiconductors SAF7118 Datasheet HTML 73Page - NXP Semiconductors SAF7118 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 173 page
background image
2004 Jul 22
70
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
9.2
Audio clock signals
The SAF7118 also synchronizes the audio clock and
sampling rate to the video frame rate, via a very slow PLL.
This ensures that the multimedia capture and compression
processes always gather the same predefined number of
samples per video frame.
An audio master clock AMCLK and two divided clocks
ASCLK and ALRCLK are generated:
• ASCLK: can be used as audio serial clock
• ALRCLK: audio left/right channel clock.
The ratios are programmable; see Section 8.7.
Table 26 Audio clock pin description
Note
1. Pin numbers for QFP160 in parenthesis.
SYMBOL PIN(1) I/O
DESCRIPTION
BIT
AMCLK
P11
(72)
O
audio master clock output
ACPF[17:0] 32H[1:0] 31H[7:0] 30H[7:0] and
ACNI[21:0] 36H[5:0] 35H[7:0] 34H[7:0]
AMXCLK
M12
(76)
I
external audio master clock input for the clock
division circuit, can be directly connected to
output AMCLK for standard applications
−
ASCLK
N11
(74)
O
serial audio clock output, can be synchronized
to rising or falling edge of AMXCLK
SDIV[5:0] 38H[5:0] and SCPH[3AH[0]]
ALRCLK
P12
(75)
O
audio channel (left/right) clock output, can be
synchronized to rising or falling edge of ASCLK
LRDIV[5:0] 39H[5:0] and LRPH[3AH[1]]
9.3
Clock and real-time synchronization signals
For the generation of the line-locked video (pixel) clock
LLC, and of the frame-locked audio serial bit clock, a
crystal accurate frequency reference is required. An
oscillator is built-in for fundamental or third harmonic
crystals. The supported crystal frequencies are
32.11 or 24.576 MHz (defined during reset by strapping
pin ALRCLK).
Alternatively pin XTALI can be driven from an external
single-ended oscillator.
The crystal oscillation can be propagated as a clock to
other ICs in the system via pin XTOUT.
The Line-Locked Clock (LLC) is the double pixel clock of
nominal 27 MHz. It is locked to the selected video input,
generating baseband video pixels according to “ITU
recommendation 601”. In order to support interfacing
circuits, a direct pixel clock (LLC2) is also provided.
The pins for line and field timing reference signals are
RTCO, RTS1 and RTS0. Various real-time status
information can be selected for the RTS pins. The signals
are always available (output) and reflect the
synchronization operation of the decoder part in the
SAF7118. The function of the RTS1 and RTS0 pins can be
defined by bits RTSE1[3:0] 12H[7:4] and RTSE0[3:0]
12H[3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com