Electronic Components Datasheet Search
  English  ▼

X  

SAF7118 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 35Page - NXP Semiconductors SAF7118 Datasheet HTML 36Page - NXP Semiconductors SAF7118 Datasheet HTML 37Page - NXP Semiconductors SAF7118 Datasheet HTML 38Page - NXP Semiconductors SAF7118 Datasheet HTML 39Page - NXP Semiconductors SAF7118 Datasheet HTML 40Page - NXP Semiconductors SAF7118 Datasheet HTML 41Page - NXP Semiconductors SAF7118 Datasheet HTML 42Page - NXP Semiconductors SAF7118 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
2004 Jul 22
39
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
8.2.2
DOWNFORMATTER
The block mainly consists of 2 parts: the colour difference
signal downsampler and the Y-path.
The colour difference signals are first passed through
low-pass filters which reduce alias effects due to the lower
data rate. The ITU sampling scheme requires that both
colour difference samples fit to the first Y sample of the
current time slot. Thus the CR signal is delayed by 1 clock
before it is fed to the multiplexer. The switch signal defines
the data multiplex phase at the output: a ‘0’ marks the first
clock of a time slot, this is a CB sample. The output is fed
through a register, so that the multiplexer runs with the
opposite phase.
The delay compensation for the Y signal already provides
most of the registers required for a small high-pass filter.
It can be used to compensate high frequency losses in the
analog part. It provides 2 dB gain at 6.75 MHz.
The Y high-pass filter frequency response is shown in
Fig.26. The DC gain of the filter is 1, so a limiter is required
at the filter output. The current implementation clips at the
maximum values of 0 and 511. The entire filter can be
controlled by the I2C-bus bit CMFI in subaddress 29H.
handbook, full pagewidth
MHB732
LOW-PASS
LOW-PASS
bypass
HIGH-PASS
CR
CB
CMFI
switch
Y
Q
D
0
1
Q
D
(CR-CB)OUT
Q
D
YOUT
delay compensation
n
Fig.24 Downformatter block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com