Electronic Components Datasheet Search
  English  ▼

X  

SAF7118 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 4Page - NXP Semiconductors SAF7118 Datasheet HTML 5Page - NXP Semiconductors SAF7118 Datasheet HTML 6Page - NXP Semiconductors SAF7118 Datasheet HTML 7Page - NXP Semiconductors SAF7118 Datasheet HTML 8Page - NXP Semiconductors SAF7118 Datasheet HTML 9Page - NXP Semiconductors SAF7118 Datasheet HTML 10Page - NXP Semiconductors SAF7118 Datasheet HTML 11Page - NXP Semiconductors SAF7118 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
2004 Jul 22
8
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
DNC13
39
N1
NC
do not connect, reserved for future extensions and for testing
DNC14
40
N2
I/pu
do not connect, reserved for future extensions and for testing
DNC18
41
P2
I/O
do not connect, reserved for future extensions and for testing
DNC15
42
N3
I/pd
do not connect, reserved for future extensions and for testing
EXMCLR
43
P3
I/pd
external mode clear (with internal pull-down)
CE
44
N4
I/pu
chip enable or reset input (with internal pull-up)
VDDD1
45
M4
P
digital supply voltage 1 (peripheral cells)
LLC
46
P4
O
line-locked system clock output (27 MHz nominal)
VSSD1
47
L4
P
digital ground 1 (peripheral cells)
LLC2
48
N5
O
line-locked 1
⁄
2 clock output (13.5 MHz nominal)
RES
49
P5
O
reset output (active LOW)
VDDD2
50
M5
P
digital supply voltage 2 (core)
VSSD2
51
L5
P
digital ground 2 (core; substrate connection)
CLKEXT
52
N6
I
external clock input intended for analog-to-digital conversion of VSB
signals (36 MHz)
ADP8
53
P6
O
MSB of direct analog-to-digital converted output data (VSB)
ADP7
54
M6
O
MSB
− 1 of direct analog-to-digital converted output data (VSB)
ADP6
55
L6
O
MSB
− 2 of direct analog-to-digital converted output data (VSB)
ADP5
56
N7
O
MSB
− 3 of direct analog-to-digital converted output data (VSB)
ADP4
57
P7
O
MSB
− 4 of direct analog-to-digital converted output data (VSB)
ADP3
58
L7
O
MSB
− 5 of direct analog-to-digital converted output data (VSB)
VDDD3
59
M8
P
digital supply voltage 3 (peripheral cells)
ADP2
60
M7
O
MSB
− 6 of direct analog-to-digital converted output data (VSB)
ADP1
61
P8
O
MSB
− 7 of direct analog-to-digital converted output data (VSB)
ADP0
62
N8
O
LSB of direct analog-to-digital converted output data (VSB)
VSSD3
63
L8
P
digital ground 3 (peripheral cells)
INT_A
64
P9
O/od
I2C-bus interrupt flag (LOW if any enabled status bit has changed)
VDDD4
65
M9
P
digital supply voltage 4 (core)
SCL
66
N9
I
serial clock input (I2C-bus)
VSSD4
67
L9
P
digital ground 4 (core)
SDA
68
P10
I/O/od
serial data input/output (I2C-bus)
RTS0
69
M10
O
real-time status or sync information, controlled by subaddresses
11H and 12H
RTS1
70
N10
O
real-time status or sync information, controlled by subaddresses
11H and 12H
RTCO
71
L10
O/st/pd
real-time control output; contains information about actual system clock
frequency, field rate, odd/even sequence, decoder status, subcarrier
frequency and phase and PAL sequence (see document “RTC Functional
Description”, available on request); the RTCO pin is enabled via I2C-bus
bit RTCE; see notes 5, 6 and Table 36
AMCLK
72
P11
O
audio master clock output, up to 50% of crystal clock
SYMBOL
PIN
TYPE(1)
DESCRIPTION
QFP160 HBGA156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com