Electronic Components Datasheet Search
  English  ▼

X  

AL5802LP4 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5802LP4
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP4 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5802LP4 Datasheet HTML 2Page - Diodes Incorporated AL5802LP4 Datasheet HTML 3Page - Diodes Incorporated AL5802LP4 Datasheet HTML 4Page - Diodes Incorporated AL5802LP4 Datasheet HTML 5Page - Diodes Incorporated AL5802LP4 Datasheet HTML 6Page - Diodes Incorporated AL5802LP4 Datasheet HTML 7Page - Diodes Incorporated AL5802LP4 Datasheet HTML 8Page - Diodes Incorporated AL5802LP4 Datasheet HTML 9Page - Diodes Incorporated AL5802LP4 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AL5802LP4
Document number: DS37441 Rev. 4 - 2
8 of 10
www.diodes.com
February 2016
© Diodes Incorporated
AL5802LP4
Application Information (Continued)
PWM dimming can be achieved by driving the EN Pin. An external open-collector NPN transistor or open-drain N-Channel MOSFET can be used
to drive the EN Pin as shown in Figure 14. Dimming is achieved by turning the LEDs ON and OFF for a portion of a single cycle. The PWM signal
can be provided by a micro-controller or analog circuitry. Figure 16 is a typical response of LED current vs. PWM duty cycle on the EN Pin.
-or-
Figure 14 Application Circuits for LED Driver with PWM Dimming Functionality
Figure 15 Typical LED Current Response vs. PWM Duty Cycle for
REXT = 13Ω at 400Hz PWM Frequency
To remove the potential of incorrect connection of the
power supply damaging the lamp’s LEDs, many systems use some form of reverse polarity
protection.
One solution for reverse input polarity protection is to simply use a diode with a low VF in-line with the driver/LED combination. The low VF
increases the available voltage to the LED stack and dissipates less power. A circuit example is presented in Figure 16 using Diodes Inc
orporated’s
SBR (Super Barrier Rectifier) technology. An SDM10U45LP (0.1A/45V) is shown, providing exceptionally low VF for its package size of 1mm x
0.6mm, equivalent to an 0402 chip style package. Other reverse voltage ratings are available on
Diodes’ website, such as the SBR02U100LP
(0.2A/100V) or SBR0220LP (0.2A/20V).
Automotive applications commonly use this method for reverse battery protection.
0
10
20
40
60
80
100
PWM DUTY CYCLE (%)
20
0
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com