Electronic Components Datasheet Search
  English  ▼

X  

AL5802LP4 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL5802LP4
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP4 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL5802LP4 Datasheet HTML 2Page - Diodes Incorporated AL5802LP4 Datasheet HTML 3Page - Diodes Incorporated AL5802LP4 Datasheet HTML 4Page - Diodes Incorporated AL5802LP4 Datasheet HTML 5Page - Diodes Incorporated AL5802LP4 Datasheet HTML 6Page - Diodes Incorporated AL5802LP4 Datasheet HTML 7Page - Diodes Incorporated AL5802LP4 Datasheet HTML 8Page - Diodes Incorporated AL5802LP4 Datasheet HTML 9Page - Diodes Incorporated AL5802LP4 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AL5802LP4
Document number: DS37441 Rev. 4 - 2
9 of 10
www.diodes.com
February 2016
© Diodes Incorporated
AL5802LP4
Application Information (cont.)
A second approach, shown in Figure 17, improves upon the method shown in Figure 16. Whereas the method in Figure 16 protects the light
engine, it will not function until the problem is diagnosed and corrected.
The method shown in Figure 17 not only provides reverse polarity protection, it also corrects the reversed polarity, allowing the light engine to
function.
The BAS40BRW incorporates four low VF, Schottky diodes into a single package and allows more voltage to be available for the LED stack and
dissipates less power than standard rectifier bridges.
Figure 16 Application Circuit for LED Driver
with Reverse Polarity Protection
Figure 17 Application Circuit for LED Driver with
Assured Operation Regardless of Polarity
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
X2-DFN1310-6
R
S
AL5802LP4
SDM10U45LP
V
S
X2-DFN1310-6
Dim
Min
Max
Typ
A
0.40
A1
0
0.05
0.02
A3
0.13
b
0.10
0.20
0.15
D
1.25
1.38
1.30
d


0.25
D2
0.30
0.50
0.40
E
0.95
1.075
1.00
e


0.35
E2
0.30
0.50
0.40
f
0.10
L
0.20
0.30
0.25
Z


0.05
All Dimensions in mm
A
A1
A3
Seating Plane
E
D2
E2
b
(Pin #1 ID)
e
L
D
R0.15
0
d
f
f
d
f
f
z
z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com