Electronic Components Datasheet Search
  English  ▼

X  

AL5802LP4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5802LP4
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP4 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5802LP4 Datasheet HTML 1Page - Diodes Incorporated AL5802LP4 Datasheet HTML 2Page - Diodes Incorporated AL5802LP4 Datasheet HTML 3Page - Diodes Incorporated AL5802LP4 Datasheet HTML 4Page - Diodes Incorporated AL5802LP4 Datasheet HTML 5Page - Diodes Incorporated AL5802LP4 Datasheet HTML 6Page - Diodes Incorporated AL5802LP4 Datasheet HTML 7Page - Diodes Incorporated AL5802LP4 Datasheet HTML 8Page - Diodes Incorporated AL5802LP4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AL5802LP4
Document number: DS37441 Rev. 4 - 2
2 of 10
www.diodes.com
February 2016
© Diodes Incorporated
AL5802LP4
Typical Application Circuit
Pin Descriptions
Pin Number
Name
Function
1
GND
Ground Reference Point for Setting LED Current
2
REXT
Current Sense Pin
LED current sensing resistor should be connected from here to GND
3
OUT
Open-Collector LED Driver Output
4
BIAS
Biases the Open Collector Output Transistor
5
N/C
No Connection
6
EN
Enable Pin for PWM Dimming
Provides access to the base of Q2 and collector of Q1
Functional Block Diagram
Figure 1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com