Electronic Components Datasheet Search
  English  ▼

X  

AL5802LP4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5802LP4
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP4 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5802LP4 Datasheet HTML 1Page - Diodes Incorporated AL5802LP4 Datasheet HTML 2Page - Diodes Incorporated AL5802LP4 Datasheet HTML 3Page - Diodes Incorporated AL5802LP4 Datasheet HTML 4Page - Diodes Incorporated AL5802LP4 Datasheet HTML 5Page - Diodes Incorporated AL5802LP4 Datasheet HTML 6Page - Diodes Incorporated AL5802LP4 Datasheet HTML 7Page - Diodes Incorporated AL5802LP4 Datasheet HTML 8Page - Diodes Incorporated AL5802LP4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AL5802LP4
Document number: DS37441 Rev. 4 - 2
3 of 10
www.diodes.com
February 2016
© Diodes Incorporated
AL5802LP4
Absolute Maximum Ratings
Symbol
Characteristics
Values
Unit
VOUT
Output Voltage Relative to GND
30
V
VBIAS
BIAS Voltage Relative to GND
30
V
VFB
LED Voltage Relative to GND
6
V
VEN
EN Voltage Relative to GND
6
V
VREXT
REXT Voltage Relative to GND
6
V
IOUT
Output Current
120
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TST
Storage Temperature
-55 to +150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure. Operation at the absolute maximum rating for extended
periods may reduce device reliability.
Package Thermal Data
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4) @TA = +25°C
PD
0.36
W
Thermal Resistance, Junction to Ambient Air (Note 4) @TA = +25°C
RθJA
347
°C/W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VBIAS
Supply Voltage Range
4.5
30
V
VOUT
OUT Voltage Range
0.8
30
ILED
LED Pin Current (Note 5)
10
100
mA
TA
Operating Ambient Temperature Range
-40
+125
°C
Notes:
4. Device mounted on FR-4 PCB, 2oz with minimum recommended pad layout.
5. Subject to ambient temperature, power dissipation and PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com