Electronic Components Datasheet Search
  English  ▼

X  

AP431I Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP431I
Description  LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431I Datasheet(HTML) 5 Page - Diodes Incorporated

  AP431I Datasheet HTML 1Page - Diodes Incorporated AP431I Datasheet HTML 2Page - Diodes Incorporated AP431I Datasheet HTML 3Page - Diodes Incorporated AP431I Datasheet HTML 4Page - Diodes Incorporated AP431I Datasheet HTML 5Page - Diodes Incorporated AP431I Datasheet HTML 6Page - Diodes Incorporated AP431I Datasheet HTML 7Page - Diodes Incorporated AP431I Datasheet HTML 8Page - Diodes Incorporated AP431I Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP431i
Document number: DS37535 Rev. 6 - 2
5 of 17
www.diodes.com
October 2016
© Diodes Incorporated
AP431i
Electrical Characteristics (TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test
Circuit
Conditions
Min
Typ
Max
Unit
VREF
Reference
Voltage
0.5%
4
VKA = VREF, IKA = 1mA (AP431iA)
2.487
2.500
2.512
V
VKA = VREF, IKA = 1mA (AP431iHA)
2.483
2.495
2.507
1.0%
VKA = VREF, IKA = 1mA (AP431iB)
2.475
2.500
2.525
VKA = VREF, IKA = 1mA (AP431iHB)
2.470
2.495
2.520
VREF
Deviation of Reference
Voltage Over Full
Temperature Range
4
VKA = VREF
IKA = 1mA
0 to +70°C
—
3
6
mV
-40 to +85°C
—
6
10
-40 to +125°C
—
11
18
VREF
VKA
Ratio of Change in
Reference Voltage to the
Change in Cathode
Voltage
5
IKA = 1mA
VKA = 10V to VREF
—
-1.0
-2.7
mV/V
VKA = 36V to 10V
—
-0.5
-2.0
IREF
Reference Current
5
IKA = 1mA, R1 = 10kΩ, R2 = 
—
0.2
0.5
µA
IREF
Deviation of Reference
Current Over Full
Temperature Range
5
IKA = 1mA, R1 = 10kΩ
R2 =
 TA = -40 to +125°C
—
0.1
0.3
µA
IKA (Min)
Minimum Cathode Current
for Regulation
4
VKA = VREF
—
50
100
µA
IKA (Off)
Off-state Cathode Current
6
VKA = 36V, VREF = 0
—
0.05
1.0
µA
ZKA
Dynamic Impedance
4
VKA = VREF,
IKA = 1 to 100mA, f 1.0kHz
—
0.1
0.3
Ω
JC
Thermal Resistance
—
TO-92
—
80
—
°C/W
SOT-89
—
80
—
SOT-23
—
140
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com